Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDW05F1C Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SDW05F1C
Description  Superior high Flux for High Current System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW05F1C Datasheet(HTML) 5 Page - Seoul Semiconductor

  SDW05F1C Datasheet HTML 1Page - Seoul Semiconductor SDW05F1C Datasheet HTML 2Page - Seoul Semiconductor SDW05F1C Datasheet HTML 3Page - Seoul Semiconductor SDW05F1C Datasheet HTML 4Page - Seoul Semiconductor SDW05F1C Datasheet HTML 5Page - Seoul Semiconductor SDW05F1C Datasheet HTML 6Page - Seoul Semiconductor SDW05F1C Datasheet HTML 7Page - Seoul Semiconductor SDW05F1C Datasheet HTML 8Page - Seoul Semiconductor SDW05F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev1.0, August 6, 2013
www.seoulsemicon.com
Product Data Sheet
ZC40
– Z-Power COB
5
Performance Characteristics
Table 5. Characteristics, T
A = 25ºC, RH30%
Notes :
1.
I
F  1280mA
2.
At thermal Resistance, J to S means junction to COB’s metal pcb bottom.
3.
A zener diode is included to protect the product from ESD.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
IF
-
1.0
1.28
A
Power Dissipation
Pd
-
37.2
48.8
W
Junction Temperature
[1]
Tj
-
-
125
ºC
Operating Temperature
Topr
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
100
ºC
Thermal resistance (J to S)
R
θJ-S
-
0.4
-
K/W
ESD Sensitivity(HBM)
[2]
-
-
-
±8
kV


Similar Part No. - SDW05F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW01F1B SEOUL-SDW01F1B Datasheet
819Kb / 26P
   Excellent Thermal management
SDW01F1B SEOUL-SDW01F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
SDW02F1C SEOUL-SDW02F1C Datasheet
475Kb / 20P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results

Similar Description - SDW05F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
SZ5-M0 SEOUL-SZ5-M0 Datasheet
954Kb / 24P
   Superior high Flux for High Current System
SAW8LH0A SEOUL-SAW8LH0A Datasheet
890Kb / 23P
   Superior high Flux for High Current System
SDW02F1C SEOUL-SDW02F1C Datasheet
475Kb / 20P
   Superior high Flux for High Current System
SDW04F1C SEOUL-SDW04F1C Datasheet
506Kb / 20P
   Superior high Flux for High Current System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com