Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5B Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # ES5B
Description  5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ES5B Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  ES5B Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ES5B Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ES5A thru ES5J
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
150
120
90
60
30
0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
ES5A-ES5D
ES5E-ES5J
TJ=25 C
PULSE WIDTH=300 s
1%DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
®
ES5A thru ES5J


Similar Part No. - ES5B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5B FORMOSA-ES5B Datasheet
119Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES5B YIXIN-ES5B Datasheet
244Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5B THINKISEMI-ES5B Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5B JUXING-ES5B Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES5B JUXING-ES5B Datasheet
3Mb / 2P
   Surface Mount Superfast Rectifiers
More results

Similar Description - ES5B

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5DB THINKISEMI-ES5DB Datasheet
450Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES3A THINKISEMI-ES3A Datasheet
636Kb / 2P
   3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
logo
RFE international
UG2A RFE-UG2A Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
U1AF RFE-U1AF Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
NTE Electronics
NTE576 NTE-NTE576 Datasheet
15Kb / 1P
   5.0 Ampere Super Fast Rectifier
logo
Thinki Semiconductor Co...
STTH502B THINKISEMI-STTH502B Datasheet
401Kb / 2P
   5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com