Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ6RBD1002C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ6RBD1002C
Description  Precision Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6RBD1002C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ6RBD1002C Datasheet HTML 1Page - Panasonic Semiconductor ERJ6RBD1002C Datasheet HTML 2Page - Panasonic Semiconductor ERJ6RBD1002C Datasheet HTML 3Page - Panasonic Semiconductor ERJ6RBD1002C Datasheet HTML 4Page - Panasonic Semiconductor ERJ6RBD1002C Datasheet HTML 5Page - Panasonic Semiconductor ERJ6RBD1002C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Precision Thick Film Chip Resistors
E
1
R
2
J
3
8
4
E
5
N
6
F
7
1
8
0
9
0
10
2
11
V
12
Product Code
Thick Film
Chip Resistors
Size, Power Rating
Type: inches
2R : 0402
3E : 0603
6E : 0805
8E : 1206
14 : 1210
12 : 1812
12 : 2010
1T : 2512
Power R.
0.1 W
0.1 W
0.125 W
0.25 W
0.5 W
0.75 W
0.75 W
1W
Marking
Marking
Code
K
N
S
No marking
(2R, 3E)
4 digit marking
(6E, 8E, 14, 12, 1T)
4 digit marking
[12(2010 inches)]
The first three digits are significant figures of resistance
and the 4th one denotes number of zeros following.
Resistance Value
Resistance Tolerance
Code
F
Tolerance
±1%
Packaging Methods
Code
X
V
U
Punched Carrier Taping
2mm pitch
Punched Carrier Taping
4mm pitch
Embossed Carrier Taping
4mm pitch
ERJ2R
ERJ3E
ERJ6E
ERJ8E
ERJ14
ERJ12
ERJ1T
Packaging
Type
E
1
R
2
J
3
1
4
G
5
E
6
7
F
8
1
9
00
10
2
11
12
C
Thick Film
Chip Resistors
Product Code
Size, Power Rating
XGN : 01005
0.031 W
1GE : 0201
0.050 W
Power R.
Resistance Tolerance
Code
F
Tolerance
±1%
Resistance Value
Packaging Methods
Code
Y
C
Type
ERJXGN
Packaging
Pressed Carrier Taping
2mm pitch, 20000 pcs.
ERJ1GE
Pressed Carrier Taping
2mm pitch, 15000 pcs.
Type : inches
The first three digits are significant
figures of resistance and the last
one denotes number of zeros
a
b
t
W
L
Type
(inches)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJXG
(01005)
0.40
±0.02
0.20
±0.02
0.10
±0.03
0.10
±0.03
0.13
±0.02
0.04
ERJ1G, 1R
(0201)
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJ2R
(0402)
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.05
0.35
±0.05
0.8
ERJ3R
(0603)
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJ6R
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJ3EK
(0603)
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJ6EN
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJ8EN
(1206)
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJ14N
(1210)
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJ12N
(1812)
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJ12S
(2010)
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJ1TN
(2512)
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
● ERJ2R, 3E, 6E, 8E, 14, 12, 1T Series, ±1 % type
● ERJXG, 1G Series, ±1 % type
Construction
Dimensions in mm (not to scale)
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
Thick film
resistive element
Electrode (Outer)
–0.05
–0.05
–0.15
–0.20
Oct. 2008


Similar Part No. - ERJ6RBD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6RBD1002C PANASONIC-ERJ6RBD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002C PANASONIC-ERJ6RBD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002C PANASONIC-ERJ6RBD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002C PANASONIC-ERJ6RBD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002C PANASONIC-ERJ6RBD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ6RBD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com