Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD555 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD555
Description  112dB 192kHz 24-BIT SCH DAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD555 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD555 Datasheet HTML 1Page - Advanced Linear Devices ALD555 Datasheet HTML 2Page - Advanced Linear Devices ALD555 Datasheet HTML 3Page - Advanced Linear Devices ALD555 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD555 DA
ALD555 SA
ALD555 PA
APPLICATIONS
High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider
ADVANCED
LINEAR
DEVICES, INC.
ALD555
HIGH SPEED CMOS TIMER
GENERAL DESCRIPTION
The ALD555 timer is a high performance monolithic timing circuit built with
advanced silicon gate CMOS technology. It offers the benefits of high
input impedance, thereby allowing smaller timing capacitors and longer
timing cycle; high speed, with typical cycle time of 500ns; low power
dissipation for battery operated environment; reduced supply current
spikes, allowing smaller and lower cost decoupling capacitors. It is
capable of producing accurate time delays and oscillations in both
monostable and astable operation. It operates in the one-shot (mono-
stable) mode or 50% duty cycle free running oscillation mode with a single
resistor and one capacitor. The inputs and outputs are fully compatible
with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200K
Ω each)
that set the threshold and trigger levels at two-thirds and one-third
respectively of V+
.
These levels can be adjusted by using the control
terminal (pin 5). When the trigger input is below the trigger level, the
output is in the high state and sourcing 2mA. When threshold input is
above the threshold level at the same time the trigger input is above the
trigger level, the internal flip-flop is reset, the output goes to the low state
and sinks up to 10mA. The reset input overrides all other inputs and when
it is active (reset voltage less than 1V), the output is in the low state.
FEATURES
• Functional equivalent to NE555 with greatly expanded high
and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current 100
µA typical
• Extremely low trigger, threshold and reset currents -- 1pA typical
• High speed operation -- 2MHz oscillation
• Low operating supply voltage 2 to 12V
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
CMOS, NMOS and TTL compatible input/output
• High discharge sinking current (80mA)
• Low supply current spikes
PIN CONFIGURATION
BLOCK DIAGRAM
GROUND
TRIGGER
OUTPUT
RESET
TOP VIEW
DA, PA, SA PACKAGE
DISCHARGE
THRESHOLD
7
CONTROL
3
1
2
4
6
8
5
V+
OUTPUT
(3)
DISCHARGE
(7)
RESET
(4)
R
S
R
R
R
TRIGGER
(2)
GND
(1)
CONTROL
(5)
THRESHOLD
(6)
V+
(8)
ORDERING INFORMATION
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD555

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD555 ADL-ALD555 Datasheet
60Kb / 7P
   HIGH SPEED CMOS TIMER
2010
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
60Kb / 7P
   HIGH SPEED CMOS TIMER
2010
logo
ADL Embedded Solutions
ALD555DA ADL-ALD555DA Datasheet
60Kb / 7P
   HIGH SPEED CMOS TIMER
2010
logo
Advanced Linear Devices
ALD555DA ALD-ALD555DA Datasheet
60Kb / 7P
   HIGH SPEED CMOS TIMER
2010
logo
ADL Embedded Solutions
ALD555PAL ADL-ALD555PAL Datasheet
60Kb / 7P
   HIGH SPEED CMOS TIMER
2010
More results

Similar Description - ALD555

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
   112dB 192kHz 24-Bit 2ch DS DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com