Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD500A Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD500A
Description  PRECISION INTEGRATING ANALOG PROCESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500A Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD500A Datasheet HTML 2Page - Advanced Linear Devices ALD500A Datasheet HTML 3Page - Advanced Linear Devices ALD500A Datasheet HTML 4Page - Advanced Linear Devices ALD500A Datasheet HTML 5Page - Advanced Linear Devices ALD500A Datasheet HTML 6Page - Advanced Linear Devices ALD500A Datasheet HTML 7Page - Advanced Linear Devices ALD500A Datasheet HTML 8Page - Advanced Linear Devices ALD500A Datasheet HTML 9Page - Advanced Linear Devices ALD500A Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Advanced Linear Devices
ALD500AU/ALD500A/ALD500
1CINT
Integrator capacitor connection.
2V-
Negative power supply.
3CAZ
The Auto-zero capacitor connection.
4
BUF
The Integrator resistor buffer connection.
5
AGND
This pin is analog ground.
6C-REF
Negative reference capacitor connection.
7C+REF
Positive reference capacitor connection.
8V-REF
External voltage reference (-) connection.
9V+REF
External voltage reference (+) connection.
10
V-IN
Negative analog input.
11
V+IN
Positive analog input.
12
A
Converter phase control MSB Input.
13
B
Converter phase control LSB Input.
14
COUT
Comparator output. COUT is HIGH during the Integration phase when a positive input voltage is being integrated and
is LOW when a negative input voltage is being integrated. A HIGH-to-LOW transition on COUT signals the processor
that the Deintegrate phase is completed. COUT is undefined during the Auto-Zero phase. It should be monitored to
time the Integrator Zero phase.
15
DGND
Digital ground.
16
V+
Positive power supply.
PIN DESCRIPTION
Pin No.
Symbol
Description
Switch Functions
Input
Reference Input
Auto Zero
Reference
VIN=AGND
System
Connect
Polarity
Sample
Offset
Conversion
Control
Phase
Logic
SWIN
SW+R or SW-R
SWAZ
SWR
SWG
SWS
Auto Zero
A = 0, B = 1
Open
Open
Closed
Closed
Closed
Open
Input Signal
A = 1, B = 0
Closed
Open
Open
Open
Open
Open
Integration
Reference Voltage
A = 1, B = 1
Open
Closed*
Open
Open
Closed
Open
Deintegration
Integrator
A = 0, B = 0
Open
Open
Open
Closed
Closed
Closed
Output Zero
*SW+R would be closed for a positive input signal. SW-R would be closed for a negative input signal.
Table 1. Conversion Phase and Control Logic Internal Analog Switch Functions


Similar Part No. - ALD500A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500A ADL-ALD500A Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500APC17BIT ADL-ALD500APC17BIT Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500ASC17BIT ADL-ALD500ASC17BIT Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500ASWC17BIT ADL-ALD500ASWC17BIT Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500AU ADL-ALD500AU Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
More results

Similar Description - ALD500A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500RAU ALD-ALD500RAU Datasheet
93Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
   Precision 22 Bit Integrating A/D Converter
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
   15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
   Analog Servo Processor
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
Texas Instruments
UC19432 TI-UC19432 Datasheet
141Kb / 5P
[Old version datasheet]   Precision Analog Controller
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
UC29432 TI1-UC29432_09 Datasheet
1Mb / 9P
[Old version datasheet]   Precision Analog Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com