Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERBSD2R00U Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERBSD2R00U
Description  Micro Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERBSD2R00U Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERBSD2R00U Datasheet HTML 1Page - Panasonic Semiconductor ERBSD2R00U Datasheet HTML 2Page - Panasonic Semiconductor ERBSD2R00U Datasheet HTML 3Page - Panasonic Semiconductor ERBSD2R00U Datasheet HTML 4Page - Panasonic Semiconductor ERBSD2R00U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micro Chip Fuse
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
C
A
B
Preheating
Peak
Heating
Time
The following are precautions for individual products. Please also refer to the precautions common to EMI Filters,
Fuses, and Sensors(MR Elements) shown on page EX2 of this catalog.
1. Set the rated current so that the current passing through the Micro Chip Fuses (hereafter called the fuses)
under normal conditions is within 70% of the rated current.
2. Do not continuously pass a current exceeding the rated current through the fuses.
3. If a pulse exceeding the rated current is applied, such as a rush current or surge current at power-on, take
care not to cause unwanted fusing. Calculate the I
2t value of the pulse and check the tolerance to the number
of pulses according to the I
2t-t characteristic curve before deciding to use the fuses. Before checking the
tolerance, consult our sales staff in advance.
4. The fuses are designed to be blown out by a current that is double or greater than the rated current. Ensure
that the abnormal current generated when a circuit abnormality occurs in your product is at least double or
greater than the rated current of the fuses. In addition, ensure that the abnormal current of your product does not
exceed the maximum interrupting current of the fuses.
5. The fuses are designed to be used on the secondary side of a power supply. Do not use them on the primary
side.
6. Ensure that the voltage applied to the fuses are within their rated voltage.
7. The fusing characteristics of the fuses are affected by the ambient temperature. Before use, mount the fuses
on your products and carefully check and evaluate their operating temperature range.
Safety Precautions
Recommended Soldering Conditions
Recommendations and precautions are described below.
Recommended Land Pattern
·Reflow soldering shall be performed a maximum of
two times.
·Please contact us for additional information when
used in conditions other than those specified.
·Please measure the temperature of the terminals and
study every kind of solder and printed circuit board
for solderability before actual use.
● Recommended soldering conditions for reflow
Type
Dimensions (mm)
AB
C
ERBSE
0.9
2.1 to 2.3
0.8
ERBSD
0.6
1.4 to 1.6
0.5
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
<Repair with hand soldering>
● Preheat with a blast of hot air or similar method. Use a soldering iron with a tip temperature of 350 °C or less. Solder
each electrode for 3 seconds or less.
● Never touch this product with the tip of a soldering iron.
Feb. 2006


Similar Part No. - ERBSD2R00U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBSD2R00U PANASONIC-ERBSD2R00U Datasheet
239Kb / 5P
   Micro Chip Fuse
More results

Similar Description - ERBSD2R00U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBRD1R00X PANASONIC-ERBRD1R00X Datasheet
156Kb / 5P
   Micro Chip Fuse
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
List of Unclassifed Man...
CCP2B15 ETC1-CCP2B15 Datasheet
204Kb / 2P
   MICRO FUSE
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com