Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERBSD1R25U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERBSD1R25U
Description  Micro Chip Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERBSD1R25U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERBSD1R25U Datasheet HTML 1Page - Panasonic Semiconductor ERBSD1R25U Datasheet HTML 2Page - Panasonic Semiconductor ERBSD1R25U Datasheet HTML 3Page - Panasonic Semiconductor ERBSD1R25U Datasheet HTML 4Page - Panasonic Semiconductor ERBSD1R25U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micro Chip Fuse
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140
0
70
°C
20
40
60
80
100
Ambient Temperature (
°C)
100
°C
Ratings
● 1608 Size
● 1005 Size
• For Circuit, current rating shall be derated in
accordance with the figure on the right.
• This current derating curve is for fusing
characteristics.
Power Derating Curve
Part No.
ERBSD R
U
0R25
0R31
0R37
0R50
0R75
1R00
1R25
1R50
2R00
2R50
3R00
Rated Current (A)
0.25
0.315
0.375
0.5
0.75
1.0
1.25
1.5
2.0
2.5
3.0
Marking Code
V
X
Y
F
G
H
J
K
N
O
P
Internal R (m ) at 25 °C max.
700
570
460
330
200
135
100
80
53
40
33
Fusing Current/Fusing Time
(at 25 °C)
Rated Current
100 %/4 hours min.
Rated Current
200 %/5 seconds max.
Rated Current
300 %/0.2 seconds max.
Rated Voltage
(Open Circuit Voltage)
24 VDC
Interrupting Rating
(at Rated Voltage)
35 A
Category Temp. Range
(Operating Temp. Range)
−40 °C to +100 °C
Part No.
ERBSE R
U
0R50
0R75
1R00
1R25
1R50
2R00
2R50
3R00
4R00
5R00
Rated Current (A)
0.5
0.75
1.0
1.25
1.5
2.0
2.5
3.0
4.0
5.0
Marking Code
F
G
H
J
K
N
O
P
S
T
Internal R (m ) at 25 °C max.
370
245
155
120
90
60
48
36
28
20
Fusing Current/Fusing Time
(at 25 °C)
Rated Current
100 %/4 hours min.
Rated Current
200 %/5 seconds max.
Rated Current
300 %/0.2 seconds max.
Rated Voltage
(Open Circuit Voltage)
32 VDC
Interrupting Rating
(at Rated Voltage)
50 A
35 A
Category Temp. Range
(Operating Temp. Range)
−40 °C to +100 °C
Dec. 2007


Similar Part No. - ERBSD1R25U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBSD1R25U PANASONIC-ERBSD1R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
More results

Similar Description - ERBSD1R25U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERBRD1R00X PANASONIC-ERBRD1R00X Datasheet
156Kb / 5P
   Micro Chip Fuse
ERB-SE5R00U PANASONIC-ERB-SE5R00U Datasheet
139Kb / 5P
   micro chip fuse
ERBSE0R25U PANASONIC-ERBSE0R25U Datasheet
239Kb / 5P
   Micro Chip Fuse
ERB-SD3R00U PANASONIC-ERB-SD3R00U Datasheet
139Kb / 5P
   Micro Chip Fuse
logo
List of Unclassifed Man...
CCP2B15 ETC1-CCP2B15 Datasheet
204Kb / 2P
   MICRO FUSE
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MQ100 BEL-MQ100 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com