Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLV-075S042 Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # PLV-075S042
Description  75Watts Single Output LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

PLV-075S042 Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  PLV-075S042 Datasheet HTML 1Page - Qualtek Electronics Corporation PLV-075S042 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75Watts Single Output LED Driver
PLV-075 Series
Qualtek
Electronics Corporation
P
P C
ISO-9001 Company
www.qualtekusa.com
Page 2 of 2
MECHANICAL SPECIFICATIONS
UNIT: mm
Derating Curve
0
20
40
60
80
100
90
120
150
180
210
240
270
300
330
Input Voltage(V)
Ambient Temperature vs.Load
0
20
40
60
80
100
-35
-20
-5
10
25
40
55
70
Ambient Temperature(℃)
AC INPUT (18AWG/3C SJOW)
BLACK (AC L)
WHITE (AC N)
YELLOW/GREEN (GND)
DC OUTPUT (18AWG/2C SJOW)
RED (V+)
BLACK (V-)


Similar Part No. - PLV-075S042

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLV-025 QUALTEK-PLV-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLV-025S012 QUALTEK-PLV-025S012 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLV-025S018 QUALTEK-PLV-025S018 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLV-025S024 QUALTEK-PLV-025S024 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLV-025S036 QUALTEK-PLV-025S036 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
More results

Similar Description - PLV-075S042

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLC-075 QUALTEK-PLC-075 Datasheet
1Mb / 2P
   75Watts Single Output LED Driver
QPD-75 QUALTEK-QPD-75 Datasheet
1Mb / 2P
   75Watts Single Output
QDG-75 QUALTEK-QDG-75 Datasheet
427Kb / 3P
   75Watts Single Output
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
PLC-025D QUALTEK-PLC-025D Datasheet
1Mb / 3P
   25Watts Single Output LED Driver
PLC-035 QUALTEK-PLC-035 Datasheet
1Mb / 2P
   35Watts Single Output LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com