Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKE02Z16VLC2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MKE02Z16VLC2
Description  Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKE02Z16VLC2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MKE02Z16VLC2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKE02Z16VLC2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Ratings
4.1 Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
260
°C
2
1. Determined according to JEDEC Standard JESD22-A103, High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
–6000
+6000
V
1
VCDM
Electrostatic discharge voltage, charged-device model
–500
+500
V
ILAT
Latch-up current at ambient temperature of 105°C
–100
+100
mA
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM).
4.4 Voltage and current operating ratings
Absolute maximum ratings are stress ratings only, and functional operation at the
maxima is not guaranteed. Stress beyond the limits specified in the following table may
affect device reliability or cause permanent damage to the device. For functional
operating conditions, refer to the remaining tables in this document.
4
Ratings
KE02 Sub-Family Data Sheet, Rev3, 07/2013.
6
Freescale Semiconductor, Inc.


Similar Part No. - MKE02Z16VLC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKE02Z16VLC2 NXP-MKE02Z16VLC2 Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
MKE02Z16VLC2R NXP-MKE02Z16VLC2R Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results

Similar Description - MKE02Z16VLC2

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
   Operating voltage: 2.7-5.5 v
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com