Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD2303A Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2303A
Description  DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2303A Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2303A Datasheet HTML 1Page - Advanced Linear Devices ALD2303A Datasheet HTML 2Page - Advanced Linear Devices ALD2303A Datasheet HTML 3Page - Advanced Linear Devices ALD2303A Datasheet HTML 4Page - Advanced Linear Devices ALD2303A Datasheet HTML 5Page - Advanced Linear Devices ALD2303A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
Q8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2303A DA
ALD2303A SA
ALD2303A PA
ALD2303 DA
ALD2303 SA
ALD2303 PA
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A/ALD2303
ORDERING INFORMATION
APPLICATIONS
• Sensor detection circuits
• PCMCIA instruments
• MOSFET driver
• High source impedance voltage
comparison circuits
• Multiple limit window comparator
• Power supply voltage monitor
• Photodetector sensor circuit
• High speed LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
• Multiple relay drivers
BENEFITS
• Extremely low power and high precision combination
• Built-in high input impedance buffer
• Built-in output driver with up to 60mA sink current
ADVANCED
LINEAR
DEVICES, INC.
FEATURES
• 3V, 5V and 12V supply
• Guaranteed to drive 200
Ω loads
• Fanout of 30LS TTL loads
• Guaranteed maximum supply current of
20
µA for each comparator
• Pinout of LM193 type industry standard
comparators
• Extremely low input bias currents -- 10pA
• Virtually eliminates source impedance
effects
• Single (+5V) and dual supply (
±5V)
operation
• CMOS, NMOS and TTL compatible
• Open drain wired-OR outputs
• High output sinking current -- 60mA
• Low supply current spikes
• High gain -- 100V/mV
GENERAL DESCRIPTION
The ALD2303A/ALD2303 is a precision monolithic high performance
dual voltage comparator built with advanced silicon gate CMOS tech-
nology. It features very high typical input impedance of 1012
Ω; low
input bias current of 10pA; very low power dissipation of 7.5
µA per
comparator; and single (+5V) or dual (
±5V) power supply operation.
The input voltage range includes ground, making this comparator ideal
for single supply low level signal detection with high source impedance.
The ALD2303A/ALD2303 can be used in connection with other voltage
comparator circuits such as the ALD2301/ALD2302/ALD4302 voltage
comparators. The output can be connected to a higher external voltage
than V+.
The ALD2303A/ALD2303 is ideal for high precision micropower voltage
comparator applications, especially low level signal detection circuits
requiring low standby power, yet retaining high output current
capability.
* Contact factory for industrial temperature range
PIN CONFIGURATION
BLOCK DIAGRAM
1
2
3
4
8
7
6
5
OUT 1
-IN 1
+IN 1
GND
V+
OUT 2
-IN 2
+IN 2
TOP VIEW
DA, PA, SA PACKAGE
(1) OUT 1
(7) OUT 2
(4) GND
V+
NONINVERTING INPUT
+IN 1 (3)
INVERTING INPUT
-IN 2 (6)
NONINVERTING INPUT
+IN 2 (5)
INVERTING INPUT
-IN 1 (2)
(8) V+
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303ADA ALD-ALD2303ADA Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303ADA ALD-ALD2303ADA Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303APAL ALD-ALD2303APAL Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Similar Description - ALD2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2301 ALD-ALD2301_10 Datasheet
64Kb / 7P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com