Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-025S062D Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # PLC-025S062D
Description  25Watts Single Output LED Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

PLC-025S062D Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  PLC-025S062D Datasheet HTML 1Page - Qualtek Electronics Corporation PLC-025S062D Datasheet HTML 2Page - Qualtek Electronics Corporation PLC-025S062D Datasheet HTML 3Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal AC input/ Full Range
Built-in Active PFC function, PF 0.95 Typical
High Efficiency (Up to 84%)
Output Protections: OVP/SCP/OTP
PLC-025S062D PLC-025S070D PLC-025S105D PLC-025S140D PLC-025S175D
25Watts Single Output LED Driver
PLC-025 D Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 3
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
Characteristics
Model
Rated Current
See Note
Voltage Range
Ripple and Noise (max) Note 1
Voltage Accuracy
Line Regulation
Load Regulation
Rise Time
Hold-up Time (Typ.)
Voltage Range
Frequency Range
Power Factor
(Typical)
Efficiency (Typical)
AC Current (max)
Inrush Current (max)
Leakage Current
Over Temperature (OTP)
Over Voltage (OVP)
Note 2
Short Circuit (SCP)
Operating Temperature
Operating Relative Humidity
Storage Temperature
Vibration
Waterproof Rating
Safety Standards
Withstand Voltage
Isolation Resistance
EMC Emission
EMC Immunity
Life Time
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Note
Features:
0.35A (1)
24~72V
±10% Vo
±5% Vo
±1% Vo
±5% Vo
20mS Max @ Rated Load
8.5mS Min (110VAC input, full load), 10mS Min (220VAC input, full load)
0.70A (3)
12~36V
1.05A (3)
8~24V
1.40A (3)
6~18V
1.75A (3)
5~14V
90VAC~305VAC
47Hz-63Hz
>0.95
>0.90
84%
0.35A @ 100-277VAC Input Full Load
65A @ 230VAC, 25°C
0.5mA max @ 277VAC
>0.95
>0.90
83%
>0.95
>0.90
82%
>0.95
>0.90
81%
>0.95
>0.90
81%
110°C (Temperature of internal components); shut down, auto recover after the temperature decreases
1.2~1.7Vo
Long-term mode, auto recovery
-35°C~50°C
5% RH to 95% RH
-40°C~85°C, 5% to 100% RH non-condensing
10 to 300Hz sweep at constant acceleration of 1.0G(Breadth: 3.5mm) for 1 Hour for each of the perpendicular axes X, Y, Z
IP65
UL8750, Compliance to UL1012 UL935, IEC61347
L/N-GND: 4kV, L-N: 2kV
I/P-O/P: >100M Ohms / 500VDC / 25°C / 70% RH
Compliance to EN55022(CISPR22) Class B, EN61000-3-2 Class A, EN61000-3-3
Compliance to EN61000-3-2, 3 EN61000-4-2, 3, 4, 5, 6, 8, 11, EN61547
More than 78,000Hrs (25°C, 80% Load)
More than 488,000Hrs (25°C, 80% Load)
80x78x27mm
1. Ripple & Noise: Measured by 20 MHz bandwidth oscilloscope and the output paralleled with a 0.1 uF ceramic capacitor and a 10 uF electrolytic capacitor.
2. Latch Mode: The power supply shall return to normal operation only after the power is turned on again
(1) Non-Class 2 output (USR & CNR)
(2) Class 2 output (USR); Non-Class 2 output (CNR)
(3) Class 2 output (USR & CNR)
Lightning Protection
PLC-025S208D
2.08A (3)
4~12V
>0.95
>0.90
80%
0.62A (2)
13~40V
>0.95
>0.90
83%
PLC-025S035D
Waterproof (IP65)
PLC-025S045D
0.45A (2)
19~56V
>0.95
>0.90
84%
Constant Current Design
3 Year Warranty
110VAC
220VAC
Class 2 Power Unit (See Note)
Dimming Control


Similar Part No. - PLC-025S062D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLC-025S062 QUALTEK-PLC-025S062 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
More results

Similar Description - PLC-025S062D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLV-025 QUALTEK-PLV-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
QPD-25-3.3 QUALTEK-QPD-25-3.3 Datasheet
4Mb / 2P
   25Watts Single Output
QPD-25 QUALTEK-QPD-25 Datasheet
5Mb / 2P
   25Watts Single Output
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
PLC-035 QUALTEK-PLC-035 Datasheet
1Mb / 2P
   35Watts Single Output LED Driver
PLC-050D QUALTEK-PLC-050D Datasheet
1Mb / 3P
   50Watts Single Output LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com