Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1801B Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1801B
Description  8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1801B Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1801B Datasheet HTML 1Page - Advanced Linear Devices ALD1801B Datasheet HTML 2Page - Advanced Linear Devices ALD1801B Datasheet HTML 3Page - Advanced Linear Devices ALD1801B Datasheet HTML 4Page - Advanced Linear Devices ALD1801B Datasheet HTML 5Page - Advanced Linear Devices ALD1801B Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD1801A/ALD1801B
Advanced Linear Devices
4
ALD1801
DUAL SUPPLY
±2.5V
RATIOMETRIC VOLTAGE OUTPUT DAC
SINGLE SUPPLY 3.3V
RATIOMETRIC VOLTAGE OUTPUT DAC
-
+
2
15
14
12
11
10
9
13
3
4
5
6
7
8
50K
50K
V+ = 2.5V
VOUT
ALD
1702
+VREF =2.5V
LSB
B8
B5
B6
B7
B1
B4
B3
B2
+VREF
V- = 2.5V
V+ = 2.5V
VREF-
25K
ALD 1801
B1
B2
B3
B4
B5
B6
B7
B8
VOUT
Zero Scale
0
0
0
0000
0
-2.500
LSB
000
0000
1
-2.480
Half Scale -LSB
0
1
1
1111
1
-0.019
Half Scale
1
0
0
0000
0
0.000
Half Scale +LSB
1
0
0
0000
1
0.019
Full Scale
1
1
1
1111
1
2.480
-
+
2
15
14
12
11
10
9
13
3
4
5
6
7
8
-
+
50K
50K
V+
V+ = 3.3V
VOUT
1/2 ALD2701
V+
25K
1/2 ALD2701
+VREF = V+
LSB
B8
0.1
µF
50K
50K
B5
B6
B7
MSB
B1
B4
B3
B2
ALD 1801
B1
B2
B3
B4
B5
B6
B7
B8
VOUT
Zero Scale
0
0
0
0000
0
0.000
Half Scale
1
0
0
0000
0
1.650
Full Scale
1
1
1
1111
1
3.287


Similar Part No. - ALD1801B

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD18 ASTEC-ALD18 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48- ASTEC-ALD18A48- Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-6 ASTEC-ALD18A48-6 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-6S ASTEC-ALD18A48-6S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD18A48-S ASTEC-ALD18A48-S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - ALD1801B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com