Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS193 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1SS193
Description  SOT-23 Plastic-Encapsulate DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1SS193 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1SS193 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1SS193 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1
100m
10m
1m
100
10
0
0.2
0.4
0.6
1.0
1.2
0.8
FORWARD VOLTAGE V (V)
F
0
20
40
60
80
REVERSE NOLTAGE V (V)
R
10
1
100n
10n
1n
0.3
1
3
10
30
100
REVERSE VOLTAGE V (V)
R
1.6
1.2
0.8
0.4
0
FORWARD CURRENT I (mA)
F
50
30
10
5
3
1
0.5
0.1
0.3
1
3
10
30
T =100 C
A
25 C
-25 C
I - V
F
F
I - V
F
F
I - V
R
R
C - V
T
R
trr - IF
Ta=25 C
Fig.1
50 C
25 C
T =100 C
A
75 C
f=1MHz
Ta=25 C
1SS193
Typical Characteristics
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1SS193

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS193 TOSHIBA-1SS193 Datasheet
127Kb / 2P
   DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
Jiangsu Changjiang Elec...
1SS193 JIANGSU-1SS193 Datasheet
1Mb / 4P
   Switching Diode
logo
TRANSYS Electronics Lim...
1SS193 TEL-1SS193 Datasheet
68Kb / 1P
   Plastic-Encapsulated Diodes
logo
Diode Semiconductor Kor...
1SS193 DSK-1SS193 Datasheet
243Kb / 3P
   Surface mount switching diode
logo
Toshiba Semiconductor
1SS193 TOSHIBA-1SS193 Datasheet
185Kb / 3P
   Ultra High Speed Switching Application
More results

Similar Description - 1SS193

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1SS187 WINNERJOIN-1SS187_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS184 WINNERJOIN-1SS184 Datasheet
70Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS193 WINNERJOIN-1SS193_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
logo
Shanghai Shunye Electro...
MMBZ5221B SY-MMBZ5221B Datasheet
267Kb / 3P
   SOT-23 Plastic-Encapsulate Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5221B WINNERJOIN-MMBZ5221B Datasheet
137Kb / 2P
   SOT-23 Plastic-Encapsulate Diode
1SS196 WINNERJOIN-1SS196_15 Datasheet
85Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196 Datasheet
85Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS190 WINNERJOIN-1SS190_15 Datasheet
70Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com