Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1225024-25 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 1225024-25
Description  CAT 5e UTP 8P8C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

1225024-25 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  1225024-25 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
09-16-10
09-16-10
LY / 09-16-10
1225024-25
CAT. 5e UTP 8P8C - 8P8C
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
CONTROLLED
UNIT: mm
NOTES:
1. CABLE: CAT. 5E UTP
26AWG COPPER STRANDED WIRE. 4 TWISTED PAIRS, 30V, 60°C
OUTER JACKET: COLOR: BLUE, O.D.: 5.5 ± 0.2mm
JACKET MATERIAL: PVC
2. PLUG TYPE: MODULAR U.S.SHORT TYPE 8P8C GOLD PLATING 50u”
MATERIAL: PC UL 94V-2
S.R.: PVC 75P MOLD, COLOR: BLUE
3. PACKING: 1PC/POLYBAG
4. RoHS COMPLIANT
P2
P1
COLOR
white/orange
blue
white/brown
white/blue
green
white/green
orange
5
8
7
3
6
4
1
2
5
brown
8
7
4
6
3
1
2
WIRING:568B
7620mm ± 80mm
A
A
P1
PLUG 8P8C 50u” SHORT TYPE
P2
PLUG 8P8C 50u” SHORT TYPE
8
1
SEC: A-A
PVC JACKET
CONDUCTORS
PAIR TWIST
NOTE:
TWISTED PAIR
LABEL
S.R.
S.R.
8
1


Similar Part No. - 1225024-25

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225020-20 QUALTEK-1225020-20 Datasheet
430Kb / 1P
   Qualtek Electronics Corp. WCI DIVISION
1225021-20 QUALTEK-1225021-20 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225022-25 QUALTEK-1225022-25 Datasheet
431Kb / 1P
   CAT 5e UTP 8P8C
1225023-25 QUALTEK-1225023-25 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
   CAT 5e UTP 8P8C
More results

Similar Description - 1225024-25

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
   CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225021-20 QUALTEK-1225021-20 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225028-03 QUALTEK-1225028-03 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225031-05 QUALTEK-1225031-05 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225040-14 QUALTEK-1225040-14 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225046-25 QUALTEK-1225046-25 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225023-25 QUALTEK-1225023-25 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com