Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA2AED102X Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA2AED102X
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA2AED102X Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA2AED102X Datasheet HTML 1Page - Panasonic Semiconductor ERA2AED102X Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film (Thin Film) Chip Resistors, High Reliability Type
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
85 °C
–55 °C
20
40
60
80
100
Ambient Temperature (°C)
155 °C
a
b
t
W
L
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Rated Power
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
(3) E192 series resistance values are also available. Please contact us for details.
(4) Duplicated resistance values between E96, E192 and E24 series shall follow E24 Part Numbers. (apply three digit resistance value)
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
85 °C, power rating shall be derated in accordance
with the figure on the right.
Type
(inch size)
Power
Rating
at 85 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Type
(detail)
Resistance
Tolerance
(%)
T.C.R.
(
×10–6/°C)
Resistance
Range
(3)(4)
(
Ω)
Category
Temperature
Range
(°C)
ERA2A
(0402)
0.063
25
50
ERA2AKD
±0.5
±100
10 to 46.4 (E24, E96)
–55 to +155
ERA2AED
±0.5
±25
47 to 100 k (E24, E96)
ERA2AEB
±0.1
ERA2APB
±0.1
±15
200 to 47 k (E24, E96)
ERA2ARC
±0.25
±10
200 to 47 k (E24, E96)
ERA2ARB
±0.1
ERA3A
(0603)
0.1
75
150
ERA3AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA3AED
±0.5
±25
47 to 330 k (E24, E96)
ERA3AEB
±0.1
ERA3APB
±0.1
±15
470 to 100 k (E24, E96)
ERA3ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA3ARW
±0.05
ERA6A
(0805)
0.125
100
200
ERA6AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA6AED
±0.5
±25
47 to
1 M (E24, E96)
ERA6AEB
±0.1
ERA6APB
±0.1
±15
470 to 100 k (E24, E96)
ERA6ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA6ARW
±0.05
ERA8A
(1206)
0.25
150
300
ERA8AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA8AED
±0.5
±25
47 to
1 M (E24, E96)
ERA8AEB
±0.1
ERA8APB
±0.1
±15
470 to 100 k (E24, E96)
ERA8ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA8ARW
±0.05
Dimensions in mm (not to scale)
Construction
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
High reliability
metal film
Electrode (Outer)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERA2A
(0402)
1.00
±0.10
0.50
+0.10
0.15
±0.10
0.25
±0.10
0.35
±0.05
0.6
ERA3A
(0603)
1.60
±0.20
0.80
±0.20
0.30
±0.20
0.30
±0.20
0.45
±0.10
2
ERA6A
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.25
0.40
±0.25
0.50
±0.10
4
ERA8A
(1206)
3.20
±0.20
1.60
+0.05
0.50
±0.25
0.50
±0.25
0.60
±0.10
8
–0.05
–0.15
Oct. 2013
04
9


Similar Part No. - ERA2AED102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA2AED102X PANASONIC-ERA2AED102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA2AED102X PANASONIC-ERA2AED102X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA2AED102X PANASONIC-ERA2AED102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA2AED102X PANASONICBATTERY-ERA2AED102X Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA2AED102X PANASONIC-ERA2AED102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
More results

Similar Description - ERA2AED102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3AEB304V PANASONIC-ERA-3AEB304V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB153V PANASONIC-ERA-3AEB153V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB433V PANASONIC-ERA-3AEB433V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA PANASONIC-ERA Datasheet
537Kb / 7P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com