Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1108EPC Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1108EPC
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1108EPC Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD1108EPC Datasheet HTML 2Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 3Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 4Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 5Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 6Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 7Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 8Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 9Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
6
TYPICAL PERFORMANCE CHARACTERISTICS
LOW LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
12
10
8
6
4
2
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
VGS = Vt + 0.5V
VDS = 5.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
100
80
70
-50
-25
0
25
50
125
100
75
AMBIENT TEMPERATURE (
°C)
90
60
40
50
VGS = Vt + 4.0V
VDS = 5.0V
LOW LEVEL OUTPUT CONDUCTANCE
vs. THRESHOLD VOLTAGE
THRESHOLD VOTAGE (V)
10
5
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
0
TA = +25°C
VGS = Vt + 0.5V
VDS = 5.0V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
2.5
2.0
1.5
1.0
0
0.5
THRESHOLD VOLTAGE vs.
AMBIENT TEMPERATURE
4.0
3.0
2.0
0
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
1.0
VDS = VGS ID = 1.0µA
Vt = 1.0V
Vt = 1.5V
Vt = 2.0V
Vt = 2.5V
Vt = 3.0V
DRAIN OFF LEAKAGE CURRENT IDS
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
500
400
300
200
600
100
0
IDS


Similar Part No. - ALD1108EPC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108EPC ALD-ALD1108EPC Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
ALD1108EPCL ALD-ALD1108EPCL Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108EPCL ADL-ALD1108EPCL Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
More results

Similar Description - ALD1108EPC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E_14 Datasheet
142Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108E ALD-ALD1108E_12 Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108E ADL-ALD1108E Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com