Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDA2-17255QBHW3F-L Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FDA2-17255QBHW3F-L
Description  172x150x55mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FDA2-17255QBHW3F-L Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FDA2-17255QBHW3F-L Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: External Rotor Capacitor-Run Induction Motor
Motor Protection: Thermal Protected
Bearing Type: Two Ball
Connection: UL 1015 AWG 22, 360mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0, or Steel
Operating Temp:
Two Ball: -20°C~70°C
172x150x55mm
FDA2-17255 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FDA2-17255NBH
F
FDA2-17255QBH
F
50/60
50/60
0.25/0.21
0.11/0.12
27.0/25.0
26.0/27.0
2700/3100
2700/3100
Maximum
AirFlow
5.95/6.80
5.95/6.80
210/240
210/240
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.492/0.531
0.492/0.531
12.5/13.5
12.5/13.5
(InAq)
(mmAq)
Noise
Level
(dB/A)
57.0/61.0
57.0/61.0
Weight
(g)
840
840
ISO-9001 Company
www.Qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Two Ball: 100,000 Hours (-L)
* Indicates “W” (Wire Leads) or “T” (Terminal)
** Indicates “3” (Metal Frame, Plastic Impeller) or “4” (Metal Frame and Impeller)
# Indicates “-L” (100,000 Hours Life Expectancy) or Leave Blank (50,000 Hours Life Expectancy)
Q
ualtek
Electronics Corporation
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division
M4xP0.7
0
4
8
12
16
050
100
150
200
250
FLOWRATE (CFM)
Fan Performance Curve
H
0
4
8
12
16
0
50
100
150
200
250
FLOWRATE (CFM)
Fan Performance Curve
H
Rotation direction
Air flow
172 ± 0.5
162 ± 0.3
5.5
Ø4.3 ± 0.2
55 ± 0.5
*
*
**
**
#
#


Similar Part No. - FDA2-17255QBHW3F-L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FDA2-17251 QUALTEK-FDA2-17251 Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251NBKT3F-L QUALTEK-FDA2-17251NBKT3F-L Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251NBKW3F-L QUALTEK-FDA2-17251NBKW3F-L Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251QBKT3F QUALTEK-FDA2-17251QBKT3F Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251QBKT3F-L QUALTEK-FDA2-17251QBKT3F-L Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
More results

Similar Description - FDA2-17255QBHW3F-L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
4856Z EBMPAPST-4856Z Datasheet
287Kb / 4P
   AC axial compact fan
5908 EBMPAPST-5908 Datasheet
293Kb / 4P
   AC axial compact fan
7056ES EBMPAPST-7056ES Datasheet
312Kb / 4P
   AC axial compact fan
8550N EBMPAPST-8550N Datasheet
289Kb / 4P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com