Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA72914V-TLM-H Datasheet(PDF) 7 Page - ON Semiconductor

Part # LA72914V-TLM-H
Description  FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72914V-TLM-H Datasheet(HTML) 7 Page - ON Semiconductor

  LA72914V-TLM-H Datasheet HTML 1Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 2Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 3Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 4Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 5Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 6Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 7Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 8Page - ON Semiconductor LA72914V-TLM-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LA72914V
No.A1859-7/9
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent circuit
12
AGC monitor
FM AGC monitor pin.
12
13
GND
GND pin.
14
VCO CTL
Modulation frequency fine control pin.
Adjustment frequency is, about
±220kHz at 0.5V to 4.5V
DC.
14
C1
VR1
2.4V
15
ALC CTL
Audio ALC filter pin.
Please connect 0.47
μF capacitor.
15
C1
16
TX Audio IN
(TX-OFF_CTL)
Audio signal input pin.
Internal bias is 2.4V DC. Please use capacitor coupling. If
DC voltage set to under 0.4V DC, then modulator circuit
stops. Demodulation circuit is work. This is receiving only
mode. (TX-OFF: 0 to 0.4V)
16
C1
2.4V
Signal processing outline
[Modulation block]
• Audio signal is input from pin16. (Internal bias is DC 2.4V.) Go through AMP (6dB)/ALC/LPF (10 kHz) and emphasis circuit,
then input FM-modulation block. After FM-modulation block, go to output driver block then FM-audio signal output from pin1.
• ALC: ALC circuit work at pin16 input level over than 0.5Vp-p.
• LPF: LPF gain is -3dB at 10 kHz and -6dB/oct. Keep over modulation from emphasis characteristic.
• Emphasis circuit: The pin3 owns an Emphasis characteristic which connected capacitor. Recommended value = 6800pF.
• FM modulation: Carrier frequency is choosing from pin6 voltage. When pin16 input level is 0.5Vp-p, then FM deviation set to ±25
kHz. Internal LPF reduce harmonic spectrum.
• Output Driver: Output AC voltage is about 2.0Vp-p. (Load resistance: 1kΩ)


Similar Part No. - LA72914V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results

Similar Description - LA72914V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com