Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ALD1502 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part No. ALD1502
Description  SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALD [Advanced Linear Devices]
Homepage  http://www.aldinc.com
Logo 

   
 4 page
background image
ALD1502/ALD2502
Advanced Linear Devices
4
TYPICAL APPLICATIONS ( EACH TIMER )
TYPICAL PERFORMANCE CHARACTERISTICS
ASTABLE MODE OPERATION
50% DUTY CYCLE
1
2
3
4
8
7
6
5
R
C
0.1
µF
Frequency f = 1/ (1.4 RC)
V+
V+
ASTABLE MODE OPERATION
(FREE RUNNING OSCILLATOR)
MONOSTABLE MODE OPERATION (ONE SHOT PULSE)
Pulse Delay td = 1.1 RC
1
2
3
4
8
7
6
5
C
0.1
µF
RA
V+
V+
RB
Frequency f = 1.46 / (RA + 2RB)C
Duty Cycle DC = RB / (RA + 2RB)
OUTPUT SINK CURRENT AS A
FUNCTION OF OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
V+ = 12V
V+ = 2V
TA = 25°C
V+ = 5V
OUTPUT SOURCE CURRENT AS A
FUNCTION OF OUTPUT VOLTAGE
-1.0
-2.0
-5.0
-10
-20
-50
-100
-0.5
-0.5
-0.2
-0.1
-0.05
-0.02
-0.01
-0.2
-0.1
-1.0
OUTPUT VOLTAGE (V)
(REFERENCED TO V+)
V+ = 2V
V+ = 5V
V+ = 12V
TRIGGER
INPUT
DELAYED PULSE
OUTPUT
1
2
3
4
8
7
6
5
0.1
µF
C
R
RESET
V+




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ALD4501QUAD PRECISION HIGH SPEED MICROPOWER TIMER 1 2 3 4 Advanced Linear Devices
LT1007Low Noise High Speed Precision Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
TS834MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER 1 2 3 4 5 MoreSTMicroelectronics
TLE2144EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
AD713Quad Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
OP467Quad Precision High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
LT1022High Speed Precision JFET Input Operational Amplifier  1 2 3 4 5 MoreLinear Technology
CD54HC4538High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator 1 2 3 4 5 MoreTI store
SI5311PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LT1028Ultra Low Noise Precision High Speed Op Amps 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl