Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1V123LJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETHC1V123LJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1V123LJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETHC1V123LJ Datasheet HTML 1Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1V123LJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-138 –
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
50
2700
22
25
EETHC1H272HJ
1.80
0.35
200
3300
22
30
EETHC1H332HJ
2.00
0.35
200
3900
22
35
EETHC1H392HJ
2.20
0.35
200
25
25
EETHC1H392JJ
2.20
0.35
200
4700
22
40
EETHC1H472HJ
2.50
0.35
200
25
30
EETHC1H472JJ
2.50
0.35
200
5600
22
45
EETHC1H562HJ
2.80
0.35
200
25
35
EETHC1H562JJ
2.80
0.35
200
30
25
EETHC1H562KJ
2.80
0.35
200
6800
22
50
EETHC1H682HJ
3.30
0.35
200
25
40
EETHC1H682JJ
3.30
0.35
200
30
30
EETHC1H682KJ
3.30
0.35
200
35
25
EETHC1H682LJ
3.30
0.35
200
8200
25
45
EETHC1H822JJ
3.60
0.35
200
30
35
EETHC1H822KJ
3.60
0.35
100
10000
25
50
EETHC1H103JJ
4.00
0.35
200
30
40
EETHC1H103KJ
4.00
0.35
100
35
30
EETHC1H103LJ
4.00
0.35
200
12000
30
45
EETHC1H123KJ
4.50
0.35
100
35
35
EETHC1H123LJ
4.50
0.35
100
15000
30
50
EETHC1H153KJ
4.80
0.35
100
35
40
EETHC1H153LJ
4.80
0.35
100
18000
35
45
EETHC1H183LJ
5.20
0.35
100
63
2200
22
25
EETHC1J222HJ
2.00
0.30
200
2700
22
30
EETHC1J272HJ
2.20
0.30
200
25
25
EETHC1J272JJ
2.20
0.30
200
3300
22
35
EETHC1J332HJ
2.50
0.30
200
3900
22
40
EETHC1J392HJ
2.70
0.30
200
25
30
EETHC1J392JJ
2.70
0.30
200
30
25
EETHC1J392KJ
2.70
0.30
200
4700
22
45
EETHC1J472HJ
3.00
0.30
200
25
35
EETHC1J472JJ
3.00
0.30
200
5600
22
50
EETHC1J562HJ
3.30
0.30
200
25
40
EETHC1J562JJ
3.30
0.30
200
30
30
EETHC1J562KJ
3.30
0.30
200
35
25
EETHC1J562LJ
3.30
0.30
200
6800
25
45
EETHC1J682JJ
3.60
0.30
200
30
35
EETHC1J682KJ
3.60
0.30
100
35
30
EETHC1J682LJ
3.60
0.30
200
8200
30
40
EETHC1J822KJ
3.90
0.30
100
35
35
EETHC1J822LJ
3.90
0.30
100
10000
30
45
EETHC1J103KJ
4.40
0.30
100
35
40
EETHC1J103LJ
4.40
0.30
100
12000
30
50
EETHC1J123KJ
4.80
0.30
100
35
45
EETHC1J123LJ
4.80
0.30
100
15000
35
50
EETHC1J153LJ
5.40
0.30
100
✽When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Endurance : 105 °C 2000 h
00 Nov. 2012


Similar Part No. - EETHC1V123LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1V123LJ PANASONIC-EETHC1V123LJ Datasheet
555Kb / 13P
   Snap-in Type
EETHC1V123LJ PANASONIC-EETHC1V123LJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1V123LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com