Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA3APD102V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA3APD102V
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3APD102V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA3APD102V Datasheet HTML 1Page - Panasonic Semiconductor ERA3APD102V Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal Film (Thin Film) Chip Resistors, High Reliability Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
Power Rating
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10 10
–6/°C
±15 10
–6/°C
±25 10
–6/°C
±50 10
–6/°C
±100 10
–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of three figures for E24 series resistance value.
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
(example) 102 : 1 k
Packaging Methods
Code
X
V
Packaging
Type
T.C.R.
2A : 0402
3A : 0603
6A : 0805
8A : 1206
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched CarrierTaping
4 mm pitch, 5,000 pcs.
ERA2A
ERA3A
ERA6A
ERA8A
1
2
3
4
5
6
7
8
9
11
12
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
Power Rating
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10 10
–6/°C
±15 10
–6/°C
±25 10
–6/°C
±50 10
–6/°C
±100 10
–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of four figures for E96 series resistance value.
The first three digits are significant figures of resistance
and the fourth one denotes number of zeros following.
(example) 1051 : 1.05 k
Packaging Methods
Code
X
V
Packaging
Type
T.C.R.
2A : 0402
3A : 0603
6A : 0805
8A : 1206
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched CarrierTaping
4 mm pitch, 5,000 pcs.
ERA2A
ERA3A
ERA6A
ERA8A
10
Metal Film (Thin Film) Chip Resistors,
High Reliability Type
0402, 0603, 0805, 1206
Type:
ERA 2A, 3A, 6A, 8A
Features
● High reliability ...............Stable at high temperature and humidity
(85 °C 85 %RH rated load, Category temperature range : –55 to +155 °C)
● High accuracy...............Small resistance tolerance and Temperature Coefficient of Resistance
● High performance.........Low current noise, excellent linearity
● Reference Standard......IEC 60115-8, JIS C 5201-8, EIAJ RC-2133B
● RoHS compliant
Explanation of Part Numbers
● E24 Series
● E96 Series and other Resistance values
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
note : Duplicated resistance values as E24 series part
numbers shall follow E24 part numbers.
(apply three digit resistance value)
Oct. 2013
04
8


Similar Part No. - ERA3APD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3APD102V PANASONIC-ERA3APD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3APD102V PANASONIC-ERA3APD102V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA3APD102V PANASONIC-ERA3APD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA3APD102V PANASONICBATTERY-ERA3APD102V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA3APD102V PANASONIC-ERA3APD102V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
More results

Similar Description - ERA3APD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3AEB304V PANASONIC-ERA-3AEB304V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB153V PANASONIC-ERA-3AEB153V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB433V PANASONIC-ERA-3AEB433V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA PANASONIC-ERA Datasheet
537Kb / 7P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com