Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELT3KN135B Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELT3KN135B
Description  VOLTAGE STEP-UP COILS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT3KN135B Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELT3KN135B Datasheet HTML 1Page - Panasonic Semiconductor ELT3KN135B Datasheet HTML 2Page - Panasonic Semiconductor ELT3KN135B Datasheet HTML 3Page - Panasonic Semiconductor ELT3KN135B Datasheet HTML 4Page - Panasonic Semiconductor ELT3KN135B Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
– 169 –
t2
Time
T3
T2
T1
t1
0
Soldering Conditions
Reflow soldering conditions
Products Item
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
SMD Choke Coils
150 to 170
60 to 120
230 °C
30 max.
245 °C, 10 s 260 °C, 10 s 2 times max.
● Pb free solder recommended temperature profile
Products Item
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
Voltage Step-up Coils
150 to 170
60 to 120
230 °C
30 max.
245 °C, 10 s 260 °C, 10 s 2 times max.
● Pb free solder recommended temperature profile
Sep. 2010
00


Similar Part No. - ELT3KN135B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN135 PANASONIC-ELT3KN135 Datasheet
148Kb / 5P
   Fixed Inductors Voltage Step-up Coils
More results

Similar Description - ELT3KN135B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT-3KN118B PANASONIC-ELT-3KN118B Datasheet
148Kb / 5P
   Fixed Inductors Voltage Step-up Coils
ELT-5KN120C PANASONIC-ELT-5KN120C Datasheet
80Kb / 2P
   Fixed Inductors (Voltage Step-up Coils)
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com