Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFM1C102 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFM1C102
Description  Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1C102 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFM1C102 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1C102 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1C102 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1C102 Datasheet HTML 4Page - Panasonic Semiconductor EEUFM1C102 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FM
Case size/Impedance/Ripple current
W.V.(V.DC)
6.3 V to 35 V
50 V
Case size
(
φD L)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
Impedance
( /100 kHz)
Ripple Current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
+20 °C
–10 °C
+105 °C
5
11
0.300
1.000
280
0.340
1.130
250
6.3
11.2
0.130
0.430
4550.140
0.460
405
8
11.5
0.056
0.168
950
0.061
0.183
870
8
15
0.041
0.123
1240
0.045
0.135
1140
8
20
0.030
0.090
1560
0.033
0.099
1430
10
12.5
0.038
0.114
1290
0.042
0.126
1170
10
16
0.026
0.078
1790
0.030
0.090
1650
10
20
0.019
0.057
2180
0.023
0.069
1890
10
25
0.018
0.054
2470
0.022
0.066
2150
12.5
20
0.018
0.045
2600
0.022
0.055
2260
12.5
25
0.015
0.038
3190
0.018
0.045
2660
12.5
30
0.013
0.033
3630
0.016
0.040
3160
12.5
35
0.012
0.030
3750
0.014
0.035
3270
16
20
0.017
0.043
3300
0.019
0.048
2870
16
25
0.014
0.035
3820
0.016
0.040
3320
Mar. 2008


Similar Part No. - EEUFM1C102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1C102 PANASONIC-EEUFM1C102 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1C102 PANASONIC-EEUFM1C102 Datasheet
79Kb / 4P
   Aluminum Electrolytic Capacitors
EEUFM1C102 PANASONIC-EEUFM1C102 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM1C102 PANASONIC-EEUFM1C102 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1C102 PANASONIC-EEUFM1C102 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1C102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com