Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA6YEB102V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERA6YEB102V
Description  Metal Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA6YEB102V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERA6YEB102V Datasheet HTML 1Page - Panasonic Semiconductor ERA6YEB102V Datasheet HTML 2Page - Panasonic Semiconductor ERA6YEB102V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Metal Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Chip Resistor
a
b
Preheating
Peak
Heating
Time
Type
(inches)
Dimensions (mm)
ab
c
ERA3Y
(0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERA6Y
(0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering
For lead-free soldering
Temperature
TimeTemperature
Time
Preheating
140 °C to 180 °C
60 s to 120 s
150 °C to 180 °C
60 s to 120 s
Soldering
245 ± 5 °C
20 s to 30 s
max. 260 °C
max. 10 s
Recommended Soldering Conditions
Recommendations and precautions are described below.
● Recommended soldering conditions for reflow
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
● Recommended soldering conditions for flow
In case of flow soldering, the land width must be smaller than the Chip Resistor width to properly control the solder amount
properly. Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering,
solder amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
Recommended Land Pattern
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER2 of this catalog.
1. Keep the rated power and ambient temperature within the specified derating curve.
* When positioning and mounting Metal Film Chip Resistors (hereafter called the resistors), make allowance for the
effect of heat generated through close contact between the resistors and neighboring components and for the
temperature rise of adjacent heat-generating components.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations
of the resistors when installed in your products before use.
When applying pulses to the resistors, keep the pulse peak within the rated voltage.
3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance
and/or reliability.
4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a
soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder.
6. When the resistors' protective coatings are chipped, flawed, or removed, the characteristics of the resistors may be
impaired. Take special care not to apply mechanical shock during automatic mounting or cause damage during
handling of the boards with the resistors mounted.
7. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors'
protective coatings and bodies may be chipped, affecting their performance.
8. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
9. Do not immerse the resistors in solvent for a long time. Before using solvent, carefully check the effects of immersion.
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Feb. 2006


Similar Part No. - ERA6YEB102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA6YEB102V PANASONIC-ERA6YEB102V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805 Small size and lightweight
ERA6YEB102V PANASONIC-ERA6YEB102V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA6YEB102V PANASONIC-ERA6YEB102V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results

Similar Description - ERA6YEB102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3YEB243V PANASONIC-ERA3YEB243V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA-6YEB183V PANASONIC-ERA-6YEB183V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Panasonic Semiconductor
ERA-W33J121X PANASONIC-ERA-W33J121X Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
ERA-S39J221V PANASONIC-ERA-S39J221V Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
List of Unclassifed Man...
RR0306 ETC-RR0306 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
logo
Panasonic Semiconductor
ERA-3YEB122V PANASONIC-ERA-3YEB122V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com