Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFPC470UAR Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEFPC470UAR
Description  Aluminum Electrolytic Capacitors/ FP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFPC470UAR Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEFPC470UAR Datasheet HTML 1Page - Panasonic Semiconductor EEEFPC470UAR Datasheet HTML 2Page - Panasonic Semiconductor EEEFPC470UAR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FP
– EEE-49 –
Standard Products
✽ Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
35
10
4
5.8
(B)
160
0.85
0.12
EEEFPV100UAR
(5)
2000
22
5
5.8
C
240
0.36
0.12
EEEFP1V220AR
(5)
1000
33
6.3
5.8
D
300
0.26
0.12
EEEFP1V330AP
(5)
1000
47
6.3
5.8
D
300
0.26
0.12
EEEFP1V470AP
(5)
1000
68
6.3
7.7
D8
600
0.160.12
EEEFPV680XAP
(5)
900
100
6.3
7.7
D8
6000.16
0.12
EEEFPV101XAP
(5)
900
810.2
F
850
0.08
0.12
EEEFP1V101AP
(6)
500
150
8
10.2
F
850
0.08
0.12
EEEFP1V151AP
(6)
500
220
8
10.2
F
850
0.08
0.12
EEEFP1V221AP
(6)
500
330
10
10.2
G
1190
0.06
0.12
EEEFP1V331AP
(6)
500
390
10
10.2
(G)
850
0.08
0.12
EEEFPV391UAP
(6)
500
50
100
8
10.2
F
6700.180.10
EEEFP1H101AP
(6)
500
220
10
10.2
G
900
0.12
0.10
EEEFP1H221AP
(6)
500
Endurance : 105 °C 2000 h
00 Nov. 2012


Similar Part No. - EEEFPC470UAR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFPC470UAR PANASONIC-EEEFPC470UAR Datasheet
159Kb / 3P
   Aluminum Electrolytic Capacitors
EEEFPC470UAR PANASONIC-EEEFPC470UAR Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
EEEFPC470UAR PANASONIC-EEEFPC470UAR Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEEFPC470UAR PANASONIC-EEEFPC470UAR Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
Pacific Silicon Sensor,...
EEEFPC470UAR PACIFIC-EEEFPC470UAR Datasheet
162Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
More results

Similar Description - EEEFPC470UAR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FP1V220AR PANASONIC-EEE-FP1V220AR Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP0J331AP PANASONIC-EEE-FP0J331AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1V331AP PANASONIC-EEE-FP1V331AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1E101AP PANASONIC-EEE-FP1E101AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1V221AP PANASONIC-EEE-FP1V221AP Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1E221AP PANASONIC-EEE-FP1E221AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1C220AR PANASONIC-EEE-FP1C220AR Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
Pacific Silicon Sensor,...
EEE-FP1A331AP PACIFIC-EEE-FP1A331AP Datasheet
162Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com