Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI2124 Datasheet(PDF) 10 Page - ON Semiconductor

Part # EMI2124
Description  Single Pair Common Mode Filter with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI2124 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button EMI2124 Datasheet HTML 2Page - ON Semiconductor EMI2124 Datasheet HTML 3Page - ON Semiconductor EMI2124 Datasheet HTML 4Page - ON Semiconductor EMI2124 Datasheet HTML 5Page - ON Semiconductor EMI2124 Datasheet HTML 6Page - ON Semiconductor EMI2124 Datasheet HTML 7Page - ON Semiconductor EMI2124 Datasheet HTML 8Page - ON Semiconductor EMI2124 Datasheet HTML 9Page - ON Semiconductor EMI2124 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EMI2124
http://onsemi.com
10
PACKAGE DIMENSIONS
WDFN8, 2.2x2, 0.5P
CASE 511BN−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.25 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A B
E
D
D2
E2
BOTTOM VIEW
b
e
7X
0.10
B
0.05
A
C
C NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
9X
A
A3
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
0.70
0.80
A1
0.00
0.05
b
0.15
0.25
D
2.20 BSC
D2
0.34
0.54
E
2.00 BSC
E2
0.60
0.80
e
0.50 BSC
L1
0.05
0.15
L2
0.30
0.50
L3
0.15
0.25
4X
1.00
0.80
1
0.30
0.50
PITCH
2.30
7X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
L1
DETAIL A
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
DETAIL B
DETAIL C
PACKAGE
OUTLINE
A3
0.20 REF
NOTE 4
A1
e/2
0.10
B
A
C
0.10
B
A
C
0.54
A1
A3
b1
0.25
0.35
L
0.75
0.95
DETAIL C
L3
b2
L2
2X
DETAIL A
4X
SOLDERING FOOTPRINT*
0.40
0.60
4X
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
EMI2124/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - EMI2124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI2121 ONSEMI-EMI2121 Datasheet
255Kb / 9P
   Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI2121 ONSEMI-EMI2121 Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
EMI2121MTTAG ONSEMI-EMI2121MTTAG Datasheet
255Kb / 9P
   Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI2121MTTAG ONSEMI-EMI2121MTTAG Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
EMI2121 ONSEMI-EMI2121_13 Datasheet
258Kb / 9P
   Single Pair Common Mode Filter
April, 2013 ??Rev. 2
More results

Similar Description - EMI2124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI2121 ONSEMI-EMI2121 Datasheet
255Kb / 9P
   Single Pair Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
   Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
   Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com