Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT863LTBI-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT863LTBI-GT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT863LTBI-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT863LTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT863LTBI-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 10
1
Publication Order Number:
CAT853/D
CAT853, CAT859, CAT863,
CAT869
3-Pin Microprocessor
Power Supply Supervisors
Description
The CAT853, CAT863, CAT859, and CAT869 are supervisory
circuits that monitor power supplies in digital systems.
These devices generate a reset signal, which is asserted while the
power supply voltage is below a preset threshold level and for at least
140 ms after the power supply level has risen above that level.
Industry standard threshold levels are offered to support +3.3 V or
5.0 V systems.
The CAT859 and CAT869 feature a RESET push−pull output
(active low) for the two pinout options.
The CAT853 and CAT863 feature an open drain RESET output
(active low). Both require a pull−up resistor on the RESET output.
Fast transients on the power supply are ignored and the output is
guaranteed to be in the correct state at VCC levels as low as 1.0 V.
Features
Precision Monitoring of +3.3 V (−5%, −10%),
5 V (−10% Power Supplies)
Active Low Reset Output
Reset Valid down to VCC = 1.0 V
6 mA Power Supply Current
Power Supply Transient Immunity
Industrial Temperature Range: −40°C to +85°C
SOT−23 Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Computers, Servers, Laptops and Cable Modems
Wireless Communications
Embedded Control Systems
White Goods
Power Meters
Intelligent Instruments
PDAs and Handheld Equipment
Table 1. THRESHOLD SUFFIX SELECTOR
Nominal Threshold Voltage
Threshold Suffix Designation
4.63 V
L
4.38 V
M
4.20 V
F
4.00 V
J
3.08 V
T
2.93 V
S
2.63 V
R
2.40 V
C
2.32 V
Z
http://onsemi.com
PIN CONFIGURATION
VCC
RESET
GND
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SOT−23
TB SUFFIX
CASE 527AG
2
3
(Top Views)
CAT853, CAT859
GND
RESET
VCC
1
2
3
CAT863, CAT869
XXXMG
G
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
MARKING DIAGRAM
(*Note: Microdot may be in either location)


Similar Part No. - CAT863LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT863 CATALYST-CAT863 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT863 ONSEMI-CAT863 Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
CAT863 ONSEMI-CAT863 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT863 ONSEMI-CAT863 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT863M CATALYST-CAT863M Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results

Similar Description - CAT863LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com