Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41231B8828M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41231B8828M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231B8828M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41231B8828M000 Datasheet HTML 7Page - EPCOS B41231B8828M000 Datasheet HTML 8Page - EPCOS B41231B8828M000 Datasheet HTML 9Page - EPCOS B41231B8828M000 Datasheet HTML 10Page - EPCOS B41231B8828M000 Datasheet HTML 11Page - EPCOS B41231B8828M000 Datasheet HTML 12Page - EPCOS B41231B8828M000 Datasheet HTML 13Page - EPCOS B41231B8828M000 Datasheet HTML 14Page - EPCOS B41231B8828M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,R
120 Hz
85
°C
A
Ordering code
VR = 80 V DC
1200
22
× 25
0.20
4.44
2.24
B41231A0128M000
1500
22
× 30
0.20
5.29
2.67
B41231A0158M000
1800
22
× 30
0.20
5.78
2.92
B41231A0188M000
1800
25.4
× 25
0.20
5.96
3.01
B41231B0188M000
2200
22
× 35
0.25
6.44
3.25
B41231A0228M000
2200
25.4
× 30
0.20
6.65
3.36
B41231B0228M000
2200
30
× 25
0.20
6.83
3.45
B41231C0228M000
2700
22
× 40
0.20
7.50
3.79
B41231A0278M000
2700
25.4
× 35
0.20
7.80
3.94
B41231B0278M000
2700
30
× 30
0.20
8.02
4.05
B41231C0278M000
3300
22
× 45
0.20
8.28
4.18
B41231A0338M000
3300
25.4
× 40
0.20
8.63
4.36
B41231B0338M000
3300
30
× 30
0.20
8.45
4.27
B41231C0338M000
3900
22
× 50
0.25
9.41
4.75
B41231A0398M000
3900
25.4
× 45
0.20
9.82
4.96
B41231B0398M000
3900
30
× 35
0.20
9.68
4.89
B41231C0398M000
4700
25.4
× 50
0.20
10.77
5.44
B41231A0478M000
4700
30
× 40
0.20
10.67
5.39
B41231B0478M000
4700
35
× 30
0.20
10.43
5.27
B41231C0478M000
5600
30
× 45
0.20
11.70
5.91
B41231A0568M000
5600
35
× 35
0.20
11.50
5.81
B41231B0568M000
6800
35
× 40
0.20
10.81
5.46
B41231A0688M000
8200
35
× 45
0.20
13.68
6.91
B41231A0828M000
VR = 100 V DC
1200
22
× 30
0.15
4.73
2.39
B41231A9128M000
1200
25.4
× 25
0.15
4.87
2.46
B41231B9128M000
1500
22
× 35
0.15
5.60
2.83
B41231A9158M000
1500
25.4
× 30
0.15
5.80
2.93
B41231B9158M000
1500
30
× 25
0.15
5.94
3.00
B41231C9158M000
1800
22
× 40
0.15
6.45
3.26
B41231A9188M000
1800
25.4
× 35
0.15
6.71
3.39
B41231B9188M000
1800
30
× 30
0.15
6.91
3.49
B41231C9188M000
2200
22
× 45
0.15
7.09
3.58
B41231A9228M000
2200
25.4
× 40
0.15
7.41
3.74
B41231B9228M000
B41231
Standard series
85
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41231B8828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41231B8828M000 EPCOS-B41231B8828M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
B41231B8828M000 EPCOS-B41231B8828M000 Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B41231B8828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com