Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT859STBI-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT859STBI-GT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT859STBI-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

  CAT859STBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT859STBI-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CAT853, CAT859, CAT863, CAT869
http://onsemi.com
6
Bi−directional Reset Pin Interfacing
The CAT859 and CAT869 can interface with
mP/mC bi−directional reset pins by connecting a 4.7 kW resistor in series with
the CAT859 and CAT869 reset output and the
mP/mC bi−directional reset pin.
CAT8x9
GND
Power
Supply
Buffered
BUF
INPUT
GND
Bi−directional
I/O Pin
(For example:
68HC11)
Figure 9. Bi−directional Reset Pin Interfacing
VCC
RESET
VCC
4.7 kW
RESET
RESET
mP
CAT853 and CAT863 Open−Drain RESET Application
The CAT853 and CAT863 features an open−drain RESET
output and therefore need a pull−up resistor on the output for
proper operation, as shown on Figure 10. An advantage of
the open−drain output includes the ability to “wire AND”
several outputs together to form an inexpensive logic circuit.
It is also possible to have the pull−up resistor connected to
a different supply which can be higher than the CAT8x3 VCC
pin. The value of the pull−up resistor is not critical in most
applications, typical values being between 5 k
W and 10 kW.
CAT8x3
GND
Power
Supply
INPUT
GND
5 kW
Figure 10. Typical CAT8x3 Open−Drain Circuit Configuration
VCC
RESET
VCC
mP
RESET


Similar Part No. - CAT859STBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT859STBI-G CATALYST-CAT859STBI-G Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT859STBI-G ONSEMI-CAT859STBI-G Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
More results

Similar Description - CAT859STBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com