Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB1V100MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCB1V100MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCB1V100MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UCB1V100MCL1GS Datasheet HTML 1Page - Nichicon corporation UCB1V100MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Rated ripple current (mArms) at 105°C 120Hz
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
4
× 7
5
× 7
6.3
× 7
6.3
× 8.7
8
× 10
10
× 10
22
36
60
101
160
313
5
× 7
8
× 10
35
141
4
× 7
5
× 7
6.3
× 7
6.3
× 8.7
10
× 10
18
30
50
81
254
6.3
× 7
6.3
× 8.7
8
× 10
48
63
116
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
4
× 7
5
× 7
6.3
× 7
6.3
× 8.7
10
× 10
1.0
2.6
3.2
3.8
6.2
11
14
15
25
42
57
216
8
× 10
8
× 10
10
× 10
77
92
151
0J
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
V
Code
Cap.(µF)
Rated
ripple
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.70
1.00
1.17
1.36
1.50
CB
series
ALUMINUM ELECTROLYTIC CAPACITORS
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Case size
φ D × L (mm)
CAT.8100C


Similar Part No. - UCB1V100MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCB1V100MCL NICHICON-UCB1V100MCL Datasheet
70Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCB1V100MCL1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com