Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86VI Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C86VI
Description  16 Kb Microwire Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86VI Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C86VI Datasheet HTML 1Page - ON Semiconductor CAT93C86VI Datasheet HTML 2Page - ON Semiconductor CAT93C86VI Datasheet HTML 3Page - ON Semiconductor CAT93C86VI Datasheet HTML 4Page - ON Semiconductor CAT93C86VI Datasheet HTML 5Page - ON Semiconductor CAT93C86VI Datasheet HTML 6Page - ON Semiconductor CAT93C86VI Datasheet HTML 7Page - ON Semiconductor CAT93C86VI Datasheet HTML 8Page - ON Semiconductor CAT93C86VI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT93C86
http://onsemi.com
3
Table 4. PIN CAPACITANCE (Note 5)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
Table 5. POWER−UP TIMING (Notes 5, 6)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
Table 6. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V ≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V ≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 x VCC to 0.7 x VCC
1.8 V ≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 x VCC
1.8 V ≤ VCC ≤ 4.5 V
Table 7. A.C. CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC =
1.8 V − 5.5 V
VCC =
2.5 V − 5.5 V
VCC =
4.5 V − 5.5 V
Units
Min
Max
Min
Max
Min
Max
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
200
100
50
ns
tDIH
DI Hold Time
200
100
50
ns
tPD1
Output Delay to 1
1
0.5
0.15
ms
tPD0
Output Delay to 0
CL = 100 pF (Note 7)
1
0.5
0.15
ms
tHZ (Note 5)
Output Delay to High−Z
400
200
100
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.15
ms
tSKHI
Minimum SK High Time
1
0.5
0.15
ms
tSKLOW
Minimum SK Low Time
1
0.5
0.15
ms
tSV
Output Delay to Status Valid
1
0.5
0.1
ms
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
DC
3000
kHz
5. These parameters are tested initially and after a design or process change that affects the parameter.
6. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
7. The input levels and timing reference points are shown in the “A.C. Test Conditions” table.


Similar Part No. - CAT93C86VI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86VI-1.8-GT2 CATALYST-CAT93C86VI-1.8-GT2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86VI-1.8-GT3 CATALYST-CAT93C86VI-1.8-GT3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86VI-1.8T2 CATALYST-CAT93C86VI-1.8T2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86VI-1.8T3 CATALYST-CAT93C86VI-1.8T3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86VI-1.8TE13 CATALYST-CAT93C86VI-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86VI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
   16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86 ONSEMI-CAT93C86_14 Datasheet
98Kb / 10P
   16 Kb Microwire Serial EEPROM
December, 2014 ??Rev. 13
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com