Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB1E3R3MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCB1E3R3MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCB1E3R3MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  UCB1E3R3MCL1GS Datasheet HTML 1Page - Nichicon corporation UCB1E3R3MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series
Voltage ( C : 16V )
Capacitance
Lot No.
Capacitance
Lot No.
Plastic platform
0.3MAX.
L
±0.3
C
±0.2
H
Positive
Negative
Series
Voltage ( V : 35V )
Trade mark
Plastic platform
0.3MAX.
L
±0.5
C
±0.2
H
Positive
Negative
Pressure relief vent
U
1
C
2
B
3
1
4
C
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated capacitance (100
µF)
Rated voltage (16V)
Series name
Type
φD
4 to 6.3
8 10
Code
CL
NL
(mm)
A
B
C
E
L
H
4
× 7
1.8
4.3
4.3
1.0
7.0
0.5 to 0.8
5
× 7
2.1
5.3
5.3
1.3
7.0
0.5 to 0.8
6.3
× 7
2.4
6.6
6.6
2.2
7.0
0.5 to 0.8
6.3
× 8.7
2.4
6.6
6.6
2.2
8.7
0.5 to 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
φD
× L
Chip Type
Type numbering system (Example : 16V 100µF)
ALUMINUM ELECTROLYTIC CAPACITORS
CB
series
Chip Type, Long Life Assurance
Chip type with load life of 7000 hours at +105°C.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 25 to +105°C
6.3 to 50V
0.1 to 1000µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03 CV or 4 (µA) , whichever is greater.
Black print on the case top.
The specifications listed at right shall be met
when the capacitors are restored to 20°C
after the rated voltage is applied for 7000
hours at 105°C.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
CB
Long Life
UL
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
Z– 25°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
3
6.3
4
16
2
25
2
35
2
50
2
Rated voltage (V)
tan
δ (MAX.)
50
0.14
35
0.14
25
0.16
16
0.26
10
0.28
6.3
0.32
Within ±30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
Capacitance change
tan
δ
Leakage current
Capacitance change
Leakage current
tan
δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the characteristic
requirements listed at right when they are removed from the plate
and restored to 20°C.
Dimension table in next page.
(
φ4 to φ6.3)
(
φ8 to φ10 )
Voltage
V
6.3
10
16
25
35
50
Code
j
ACE
VH
CW
Low
Impedance
CAT.8100C


Similar Part No. - UCB1E3R3MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCB1E330MCL NICHICON-UCB1E330MCL Datasheet
70Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCB1E331MCL NICHICON-UCB1E331MCL Datasheet
70Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCB1E3R3MCL1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com