Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4551 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4551
Description  EVALUATION BOARD REV.C FOR AK4551
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4551 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4551 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ASAHI KASEI
[AKD4551]
<KM062000>
’00/3
- 9 -
3.Graph
(1)ADC
A K M
AK4551 ADC THD+N vs. Input Level
VDD=2 .5V, fs=44.1kHz, fin=1kHz
-120
-10
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
dBr
-90
-70
-88
-86
-84
-82
-80
-78
-76
-74
-72
d
B
F
S
Fig1.THD+Nvs.InputLevel
A K M
AK4551 ADC THD+N vs. Input Frequency
VDD=2 .5V, fs=44.1kHz, Input=-0.5dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-100
-60
-95
-90
-85
-80
-75
-70
-65
d
B
F
S
Fig2.THD+Nvs.InputFrequency


Similar Part No. - AK4551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551VT AKM-AK4551VT Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
More results

Similar Description - AK4551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
   Evaluation board Rev.C for AK4588
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com