Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBC1C470MNS1MS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBC1C470MNS1MS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBC1C470MNS1MS Datasheet(HTML) 1 Page - Nichicon corporation

  UBC1C470MNS1MS Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coefficient
120 Hz
300 Hz
1 kHz
10kHz or more
0.67
0.79
0.91
1.00
Frequency
H
0.3 MAX.
C
±0.2
L
±1.0
Pressure relief vent
Plastic platform
Trade mark
Series
Voltage( A : 10V )
Lot N0.
H
C
±0.2
Plastic platform
Pressure relief vent
0.3MAX.
L
±1.0
Aid electrode
Trade mark
Voltage
Series
Capacitance
Lot N0.
Capacitance
ALUMINUM ELECTROLYTIC CAPACITORS
BC
series
Chip Type , High Temperature Range,
Vibration Resistance
Highly dependable reliability withstanding load life of
1000 hours at +150°C.
Suited for automobile electronics where heavy duty
services are indispensable.
Compliant to the RoHS directive (2011/65/EU).
Dimensions
U
1
B
2
C
3
1
4
A
5
2
6
2
7
1
8
Package code
M
9
Capacitance Tolerance (
±20%)
Rated capacitance (220
µF)
Rated voltage (10V)
Series name
Type
Configuration
N
10
SG S
11
13 14
12
1
Size code
φD
8 to 18
Code
NS
Taping
φ8 to 10
GS
Taping
φ12.5 to 18
MS
Tray
φ12.5 to 18
ZD
(mm)
A
B
C
E
H
12.5
4.8
13.6
13.6
4.0
1.0 to 1.4
10
3.2
10.3
10.3
4.5
1.1 to 1.5
8
2.9
8.3
8.3
3.1
1.1 to 1.5
16
5.4
17.1
17.1
6.3
1.0 to 1.4
18
6.4
19.1
19.1
6.3
1.0 to 1.4
φ D
Type numbering system (Example : 10V 220µF)
Chip Type
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
33
47
100
220
330
470
680
1000
2200
3300
10
16
25
35
50
1A
1C
1E
1V
1H
330
470
101
221
331
471
681
102
222
332
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
18
× 21.5
18
× 21.5
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 21.5
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 21.5
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 21.5
18
× 21.5
8
× 10
10
× 10
12.5
× 13.5
16
× 16.5
16
× 21.5
16
× 21.5
18
× 21.5
110
150
800
900
1350
1400
110
150
750
800
850
1350
110
150
650
700
800
1000
80
120
550
650
750
950
1150
70
100
420
550
650
850
1100
V
Cap.(
µF)
Code
Rated
ripple
Case size
φ D × L (mm)
BC
UE
High
Te m p e rature
Rated ripple current (mArms) at 150°C 100kHz
Item
Performance Characteristics
Endurance
Tangent of loss angle (tan
δ)
Stability at Low Temperature
10
8644
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 150°C.
86444
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
φ 8 φ 10
φ 12.5 to φ 18
φ 8 φ 10
φ 12.5 to φ 18
Rated voltage (V)
– 40 to +150°C ( φ 8 to 10), – 55 to +150°C ( φ 12.5 to 18)
10 to 50V
33 to 3300µF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
Z
40°C / Z+20°C
(MAX.)
After storing the capacitors under no load at 150°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Black print on the case top.
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
tan
δ
(MAX.)
10
16
25
35
50
120Hz
0.26
0.20
0.16
0.14
0.14
0.22
0.18
0.16
0.14
0.12
10
16
25
35
50
120Hz 20
°C
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Specifications
(
φ8 to φ10)
(
φ12.5 to φ18)
Within ±30% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan
δ
CAT.8100C


Similar Part No. - UBC1C470MNS1MS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBC1C471MNS NICHICON-UBC1C471MNS Datasheet
92Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBC1C470MNS1MS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com