Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECDGZE5R6C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECDGZE5R6C
Description  Multilayer Ceramic Capacitors(High-Q Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZE5R6C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECDGZE5R6C Datasheet HTML 1Page - Panasonic Semiconductor ECDGZE5R6C Datasheet HTML 2Page - Panasonic Semiconductor ECDGZE5R6C Datasheet HTML 3Page - Panasonic Semiconductor ECDGZE5R6C Datasheet HTML 4Page - Panasonic Semiconductor ECDGZE5R6C Datasheet HTML 5Page - Panasonic Semiconductor ECDGZE5R6C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC39 –
EC
D
G
0
E
R
9
0
9
Size Code
Nominal Capacitance
Capacitance Tolerance Code
Material Code
(Example)
123456789
10
11
12
Suffix Code
Packaging Style Code
Product Code
5
4
3
2
1
L
T
W
L1
L2
High-Q Capacitors
(Microwave Chip Capacitors)
Series:
ECD
Features
● Low Capacitance with tight tolerance
(0.1 to 15.0 pF, +/–0.05 pF to +/–5 %)
● High Q value / Low ESR at High Frequencies
● Ultra-Stable C0G Performance (0±30 ppm/°C)
● 0402 & 0201 Case sizes
(0.1 to 15.0 pF & 0.1 to 5.6 pF, +/–0.05 pF,+/–0.075 pF etc)
● Pb Free
● RoHS compliant
Recommended Applications
● Microwave Circuitry
· Impedance Matching Circuitry
· Resonant Circuitry
· Coupling Circuitry
● RF modules, VCO, BPF, DUP, PA
● Cellular Phone, Bluetooth, Wireless LAN
Product Code
ECD: High-Q Capacitors
Packaging Specifications
See Page 45, 46, 56
Explanation of Part Numbers
Construction
Dimensions in mm (not to scale)
Size Code
Size (EIA)
L
W
T
L1, L2
Z0201
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0
0402
1.00±0.05
0.5±0.05
0.5±0.05
0.2±0.1
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Handling Precautions
See Page 48 to 53
00 Sep. 2008


Similar Part No. - ECDGZE5R6C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZE5R6C PANASONIC-ECDGZE5R6C Datasheet
233Kb / 6P
   High-Q Capacitors (Microwave Chip Capacitors)
More results

Similar Description - ECDGZE5R6C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECD-G0ER108 PANASONIC-ECD-G0ER108 Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
logo
Murata Manufacturing Co...
GCQ1555C1H3R6CB01 MURATA-GCQ1555C1H3R6CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR33CB01 MURATA-GCQ1555C1HR33CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H8R8BB01 MURATA-GCQ1555C1H8R8BB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H9R4BB01 MURATA-GCQ1555C1H9R4BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H430JB01 MURATA-GCQ1555C1H430JB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR22BB01 MURATA-GCQ1555C1HR22BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR82CB01 MURATA-GCQ1555C1HR82CB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR90CB01 MURATA-GCQ1555C1HR90CB01 Datasheet
762Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com