Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECDGZE3R0B Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECDGZE3R0B
Description  Multilayer Ceramic Capacitors(High-Q Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZE3R0B Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECDGZE3R0B Datasheet HTML 1Page - Panasonic Semiconductor ECDGZE3R0B Datasheet HTML 2Page - Panasonic Semiconductor ECDGZE3R0B Datasheet HTML 3Page - Panasonic Semiconductor ECDGZE3R0B Datasheet HTML 4Page - Panasonic Semiconductor ECDGZE3R0B Datasheet HTML 5Page - Panasonic Semiconductor ECDGZE3R0B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC42 –
10000
10000
1000
100
10
1
1000
100
10
1
10000
1000
100
10
0
05
10
15
0
10000
1000
100
10
510
15
0123456
Capacitance (pF)
Capacitance (pF)
Capacitance (pF)
Capacitance (pF)
510
15
3 GHz
2 GHz
1 GHz
Hi-Q
MLCC
0402 size
0201 size
0402 size
3 GHz
2 GHz
1 GHz
at 1 GHz
at 1 GHz
Characteristics
Specifications
Test Method
Temperature
cycle
Appearance : no mechanical damage
I.R. : 1000M
min.
Condition of one cycle
Step1 : –55 ±3 °C
30±3 min.
Step2 : Room temp
3 min.
Step3 : 125±3 °C
30±3 min.
Step4 : Room temp
3 min.
Number of cycles : 5 cycles
Recovery (Standard condition)
: 24 ±2 h
Moisture
Resistance
Appearance : no mechanical damage
I.R. : 1000M
min.
Capacitance Change:
Within ±7.5 % or ±0.02 pF whichever is lager
tan
δ : 0.005 max.
Temperature : 40±2 °C
Relative Humidity : 90 to 95 %
Test period : 500 +24/0 h
Recovery (Standard condition)
: 24 ±2 h
Moisture
Resistant
Loading
Appearance : no mechanical damage
I.R. : 1000M
min.
Temperature : 40±2 °C
Relative Humidity : 90 to 95 %
Applied voltage : Rated voltage
Limit surge current : 50 mA max.
Test period : 500 +24/0 h
Recovery (Standard condition)
: 24 ±2 h
Loading at
high
temperature
Appearance : no mechanical damage
I.R. : 1000M
min.
Temperature: 125 °C±3 °C
Applied voltage : Rated voltage
200 %
Limit surge current : 50 mA max.
Test period : 1000 +48/0 h
Recovery (Standard condition)
: 24 ±2 h
EIA 0201 size
Q value vs. Capacitance
EIA 0402 size
Comparison data of Q value
Comparison data of Q value
Measurements performed Boonton34A Resonant Coaxial-Line and represent typical capacitor performance.
00 Sep. 2008


Similar Part No. - ECDGZE3R0B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZE3R0B PANASONIC-ECDGZE3R0B Datasheet
233Kb / 6P
   High-Q Capacitors (Microwave Chip Capacitors)
More results

Similar Description - ECDGZE3R0B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECD-G0ER108 PANASONIC-ECD-G0ER108 Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
logo
Murata Manufacturing Co...
GCQ1555C1H3R6CB01 MURATA-GCQ1555C1H3R6CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR33CB01 MURATA-GCQ1555C1HR33CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H8R8BB01 MURATA-GCQ1555C1H8R8BB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H9R4BB01 MURATA-GCQ1555C1H9R4BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H430JB01 MURATA-GCQ1555C1H430JB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR22BB01 MURATA-GCQ1555C1HR22BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR82CB01 MURATA-GCQ1555C1HR82CB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR90CB01 MURATA-GCQ1555C1HR90CB01 Datasheet
762Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com