Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECET1HA183EA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECET1HA183EA
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1HA183EA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECET1HA183EA Datasheet HTML 1Page - Panasonic Semiconductor ECET1HA183EA Datasheet HTML 2Page - Panasonic Semiconductor ECET1HA183EA Datasheet HTML 3Page - Panasonic Semiconductor ECET1HA183EA Datasheet HTML 4Page - Panasonic Semiconductor ECET1HA183EA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors
T-HA Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
390
35 x 45
1.55
2.17
0.425
0.170
470
40 x 40
1.75
2.45
0.353
0.141
560
35 x 50
1.80
2.52
0.296
0.118
680
40 x 50
2.17
3.04
0.244
0.098
820
35 x 63
2.44
3.42
0.202
0.081
40 x 50
2.58
3.61
0.202
0.081
1000
35 x 80
3.00
4.20
0.166
0.066
40 x 63
3.00
4.20
0.166
0.066
1200
35 x 105
3.75
5.25
0.138
0.055
40 x 80
3.79
5.31
0.138
0.055
1500
40 x 105
4.81
6.73
0.111
0.044
1800
40 x 105
5.06
7.08
0.101
0.041
330
35 x 40
1.37
1.92
0.502
0.176
470
35 x 50
1.74
2.44
0.353
0.123
40 x 40
1.68
2.35
0.353
0.123
560
35 x 63
2.15
3.01
0.296
0.104
40 x 50
2.10
2.94
0.296
0.104
680
40 x 63
2.50
3.50
0.244
0.085
820
35 x 80
2.70
3.78
0.202
0.071
1000
35 x 105
3.47
4.86
0.166
0.058
40 x 80
3.50
4.90
0.166
0.058
1200
40 x 105
4.33
6.06
0.138
0.048
45
ECET2WA331EA
ECET2WA471EA
ECET2WA471FA
ECET2WA561EA
ECET2WA561FA
ECET2WA681FA
ECET2WA821EA
ECET2WA102EA
ECET2WA102FA
ECET2WA122FA
ECET2GA182FA
ECET2GA152FA
ECET2GA122FA
ECET2GA122EA
ECET2GA102FA
ECET2GA102EA
ECET2GA821FA
ECET2GA821EA
ECET2GA681FA
ECET2GA561EA
Max 105°C R.C. (Arms)
20°C ESR (Ω, max.)
ECET2GA471FA
ECET2GA391EA
4 Pin Style
Size (mm)
Part numbers shown with 6.3mm Length Snap-in Terminals
D x L
Panasonic Part Number
450 VDC Working, 500 VDC Surge
400 VDC Working, 450 VDC Surge


Similar Part No. - ECET1HA183EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1HA183EA PANASONIC-ECET1HA183EA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET1HA183EA PANASONIC-ECET1HA183EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1HA183EA PANASONIC-ECET1HA183EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1HA183EA PANASONIC-ECET1HA183EA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1HA183EA PANASONIC-ECET1HA183EA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1HA183EA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com