Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECDGZE1R5B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECDGZE1R5B
Description  Multilayer Ceramic Capacitors(High-Q Capacitors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECDGZE1R5B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECDGZE1R5B Datasheet HTML 1Page - Panasonic Semiconductor ECDGZE1R5B Datasheet HTML 2Page - Panasonic Semiconductor ECDGZE1R5B Datasheet HTML 3Page - Panasonic Semiconductor ECDGZE1R5B Datasheet HTML 4Page - Panasonic Semiconductor ECDGZE1R5B Datasheet HTML 5Page - Panasonic Semiconductor ECDGZE1R5B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High-Q Capacitors)
– EC40 –
Packaging Style Code
Size
Thickness (mm)
Packaging Styles
0201
0402
T=0.3
T=0.5
E
φ180 reel
Paper taping
(Pitch: 2 mm)
15,000
10,000
Packaging Styles and Standard Packaging Quantites
Quantity : pcs./reel
Temperature
Characteristic Code
Temperature Coefficient
C0G
0±30 ppm/°C
Temperature Characteristics
Rated Voltage
Rated Voltage
DC 25 V
Nominal Capacitance
Ex.
R10
1R0
2R7
120
Nominal
Capacitance
0.10 pF
1.0 pF
2.7 pF
12 pF
Size (EIA)
Tolerance Code
Capacitance Range
Capacitance Tolerance
0201
80.10 to 0.50 pF
±0.05 pF
90.60 to 0.90 pF
±0.075 pF
B1.0 to 3.0 pF
±0.10 pF
C3.3 to 5.6 pF
±0.25 pF
0402
80.10 to 0.90 pF
±0.05 pF
90.60 to 0.90 pF
±0.075 pF
B1.0 to 8.2 pF
±0.10 pF
C3.3 to 10.0 pF
±0.25 pF
J12 to 15 pF
±5 %
Capacitance tolerance
These temperature coefficients are calculated between 25 °C and 85 °C
The first two digits are significant figures of capacitance.Small number of people display the point by R.
00 Sep. 2008


Similar Part No. - ECDGZE1R5B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECDGZE1R5B PANASONIC-ECDGZE1R5B Datasheet
233Kb / 6P
   High-Q Capacitors (Microwave Chip Capacitors)
More results

Similar Description - ECDGZE1R5B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECD-G0ER108 PANASONIC-ECD-G0ER108 Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
logo
Murata Manufacturing Co...
GCQ1555C1H3R6CB01 MURATA-GCQ1555C1H3R6CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR33CB01 MURATA-GCQ1555C1HR33CB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H8R8BB01 MURATA-GCQ1555C1H8R8BB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H9R4BB01 MURATA-GCQ1555C1H9R4BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1H430JB01 MURATA-GCQ1555C1H430JB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR22BB01 MURATA-GCQ1555C1HR22BB01 Datasheet
758Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR82CB01 MURATA-GCQ1555C1HR82CB01 Datasheet
760Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
GCQ1555C1HR90CB01 MURATA-GCQ1555C1HR90CB01 Datasheet
762Kb / 26P
   High Q Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com