Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS-06V-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMS-06V-S
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PMS-06V-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMS-06V-S Datasheet HTML 1Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 2Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 4Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PMS-06V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
407
Insulation displacement type
Crimp style
Retainer mountable type
Crimp style
Standard type
Wire to wire Connectors
High box type
SMT type
Top entry type
Side entry type
Top entry type
Side entry type
Contact
SPA-001T-P0.5
Housing
PARP-( )V
Retainer
PMS-( )V-S
Contact
SPHD-001T-P0.5
SPHD-002T-P0.5
Housing
PAP-( )V-S
Receptacle
( )PAF-6S
Retainer
PAFS-( )V-S
Shrouded header
BM( )B-PASS
BM( )B-PASS-1
SM( )B-PASS
SM( )B-PASS-1
Shrouded header
B( )B-PASK
B( )B-PASK-1
S( )B-PASK-2
Shrouded header
BH( )B-PASK
BH( )B-PASK-1
Contact
SPAL-001T-P0.5
SPAL-002T-P0.5
Receptacle housing
PALR-( )V(F)
Retainer
PMS-( )V-S
+0.1
 0
φ1.1
+0.1
 0
φ0.7
±0.05
1.5
±0.05
2.0
±0.05
A
5.8
7.2
(5.8)
PA Receptacle + PA Header
(Standard type)
PA Receptacle + PA Header
(Retainer mountable type)
PAF Receptacle + PA Header
+0.1
 0
+0.1
 0
φ0.7
φ1.1
±0.05
1.5
±0.05
2.0
±0.05
A
8.2
13.8
8.2
(18.9)
8.2
(18.8)retainer included
PA Receptacle
+ PA side entry type header
(Standard type)
PA Receptacle
+ PA side entry type header
(Retainer mountable type)
PAF Receptacle +
PA side entry type header
Through-hole type
Top entry type
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
List of combinations
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - PMS-06V-S

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
PMS-06V-S JST-PMS-06V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PMS-06V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com