Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6099-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC6099-E
Description  Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6099-E Datasheet(HTML) 5 Page - ON Semiconductor

  2SC6099-E Datasheet HTML 1Page - ON Semiconductor 2SC6099-E Datasheet HTML 2Page - ON Semiconductor 2SC6099-E Datasheet HTML 3Page - ON Semiconductor 2SC6099-E Datasheet HTML 4Page - ON Semiconductor 2SC6099-E Datasheet HTML 5Page - ON Semiconductor 2SC6099-E Datasheet HTML 6Page - ON Semiconductor 2SC6099-E Datasheet HTML 7Page - ON Semiconductor 2SC6099-E Datasheet HTML 8Page - ON Semiconductor 2SC6099-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC6099
No. A0435-5/9
Taping Specification
2SC6099-TL-E


Similar Part No. - 2SC6099-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Inchange Semiconductor ...
2SC6099 ISC-2SC6099 Datasheet
333Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC6099-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com