Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM56502 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM56502
Description  24-PORT GbE MULTILAYER SWITCH WITH TWO 10 GbE/HiGig??PORTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM56502 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM56502 Datasheet HTML 1Page - Broadcom Corporation. BCM56502 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-926-5000
Fax: 949-926-5203
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
5300 California Avenue
Irvine, California 92617
© 2009 by BROADCOM CORPORATION. All rights reserved.
56502-PB03-R
09/24/09
Broadcom®, the pulse logo, Connecting everything®, the Connecting everything logo, StrataSwitch®,
StrataXGS
®, ContentAwareTM, BroadScaleTM, HiGig+ TM, and BroadSAFETM are among the trademarks
of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/or the EU.
Any other trademarks or trade names mentioned are the property of their respective owners.
24 10/100/1000 + Two 10-GbE Stand-Alone
The BCM56502 is the fifth generation of the highly-integrated and cost-
effective StrataSwitch and StrataXGS product line and is a single-chip
solution with 24 GbE ports and two 10 GbE/HiGig+ uplink ports.
The BCM56502 incorporates 24 GbE ports that can operate at
10⁄100⁄1000 Mbps. The uplink ports can operate in two modes: 10 GbE
switching mode and HiGig+ uplink mode. The integrated 10 GbE
switching ports are CX-4 compliant XAUI interfaces. The HiGig+
uplink interface is used to connect to other StrataXGS devices in a larger
stacking system or to the BCM5675/BCM5676 Switch Fabric via a
backplane in a multislot redundant chassis system.
With high-integration and high-port density, the BCM56502 family is
ideal for Enterprise applications in stand-alone, stackable, and chassis
configurations. The BCM56502 configurations are applicable in the
edge, aggregation, and core areas of the Enterprise. The BCM56502 is
also ideal for embedded switch applications like Blade Server Switch,
ATCA chassis, IPDSLAM, 3G Wireless Base Station, and others.
The BCM56502 integrates sophisticated, advanced L3 switching
features for cost-effective highly manageable Enterprise networks. The
BCM56502 performs IPv6 routing and transition services in hardware,
allowing IT managers to deploy L3 switches that are future-proof, highly
manageable L3 networks and enable cost-effective transition from IPv4
to IPv6.
24 10/100/1000 + Two HiGig+ Stackable
The ContentAware classification feature of the StrataSwitch and
StrataXGS has been further enhanced in the BCM56502 with unmatched
flexibility and programmability. The ContentAware engine can be used
for applications such as policy-based routing, access control lists,
dynamic adaptation to changes in virus threats, and so on.
The BCM56502 has built-in security functions for highly secure
Enterprise networks including BroadSAFETM. Utilizing hardware-based
identity management and authentication coupled with key management
software that directs and manages clients, BroadSAFE Security provides
exceptionally strong network security without impacting network
performance.
The BCM56502 integrates sophisticated metering, statistics, and traffic
management features, optimizing the QoS in the Enterprise networks for
voice, video, and data convergence. The BCM56502 also provides rate-
adjustable, hardware-based sFlow® implementation and flexible
multiple-session remote port-mirroring functionality for efficient
network management.
The BCM56502 switch supports a Broadcom Serial Controller (BSC) for
communicating with external devices such as serial EEPROM, flash
PROM memories, and parallel port devices. The BCM56502 also
supports a serial interface for the MII management of physical layer
devices.
The BCM56502 switch interfaces to a host CPU via a 32-bit PCI bus
running at up to 66 MHz. Bus mastering and advanced DMA is
supported for efficient exchange of packet data between CPU memory
and the BCM56502 switch.
BCM56502
BCM5836P
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM56502
BCM5836P
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R


Similar Part No. - BCM56502

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56502 BOARDCOM-BCM56502 Datasheet
136Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH TWO 10-GbE/ HiGig-TM PORTS
BCM56502 BOARDCOM-BCM56502 Datasheet
113Kb / 2P
   10-PORT 10-GIGABIT ETHERNET AND 8-PORT HIGIG2/10GBE MULTILAYER SWITCH
More results

Similar Description - BCM56502

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56502 BOARDCOM-BCM56502 Datasheet
136Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH TWO 10-GbE/ HiGig-TM PORTS
BCM56503 BOARDCOM-BCM56503 Datasheet
177Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH THREE 10-GbE/HiGig PORTS
BCM56504 BOARDCOM-BCM56504 Datasheet
203Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGigPORTS
BCM56514 BOARDCOM-BCM56514 Datasheet
217Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGig PORTS
BCM56304 BOARDCOM-BCM56304 Datasheet
222Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/HiGig PORTS
BCM56513 BOARDCOM-BCM56513 Datasheet
231Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH THREE 10 GbE/HiGig PORTS
BCM56102 BOARDCOM-BCM56102 Datasheet
227Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
BCM56501 BOARDCOM-BCM56501 Datasheet
158Kb / 2P
   FOUR-PORT 10-GbE/HiGig MULTILAYER SWITCH
BCM56511 BOARDCOM-BCM56511 Datasheet
172Kb / 2P
   FOUR-PORT 10-GBE/HIGIG MULTILAYER SWITCH
BCM56224B0IPB BOARDCOM-BCM56224B0IPB Datasheet
104Kb / 2P
   24-PORT GBE SWITCH WITH 4-PORT GBE/2.5GBE HGL PORTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com