Electronic Components Datasheet Search |
|
B14B-PASK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
B14B-PASK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 11 page 413 8.4 2.85 1.3 Model No. mm2 AWG # Applicable wire Q'ty / reel Insulation O.D. (mm) Material and Finish Phosphor bronze, tin-plated (reflow treatment) SPA-001T-P0.5 0.9 ∼1.5 10,000 0.13∼0.33 26∼22 PA FAMILY SERIES /PA CONNECTOR (Crimp style Retainer mountable type) Contact Crimping machine Crimp applicator with dies Dies Crimp applicator Applicator SPA-001T-P0.5 AP-K2N MKS-L ― MK/SPA-001-05 ― APLMK SPA001-05 ― A B 7.2 Circuit No.1 A B 2.0 7.2 Circuit No.1 A B 2.0 7.2 Circuit No.1 A B 2.0 7.2 Circuit No.1 Q'ty / bag Circuits Model No. Material PA 66, UL94V-0, natural (white) AB Dimensions(mm) 2 3 4 5 6 7 8 9 10 *15 PARP-02V PARP-03V PARP-04V PARP-05V PARP-06V PARP-07V PARP-08V PARP-09V PARP-10V PARP-15V 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 28.0 5.4 7.4 9.4 11.4 14.0 16.0 18.0 20.0 22.0 32.0 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 500 B A 2.0 Circuit No.1 7.2 A B 2.0 Circuit No.1 7.2 Contact Housing RoHS compliance Note: *Marked product is not CSA approved. <For reference> As the color identification, the following alphabet shall be put in the underlined part. For availability, delivery and minimum order quantity, contact JST. ex. PARP-02V-oo- (blank)…natural (white) R…red E…blue Y…yellow M…green RoHS compliance (2 circuits) (4 circuits) (3 circuits) (5 circuits) (6 to 9 circuits) (10, 15 circuits) Retainer 2.85 1.5 7.0 1.5 2.4 3.1 7.0 Q'ty / bag Circuits Model No. Material Glass-filled PA 66, UL94V-0, natural (ivory) AB Dimensions(mm) 2 3 4 5 6 7 8 * 9 *10 *15 PMS-02V-S PMS-03V-S PMS-04V-S PMS-05V-S PMS-06V-S PMS-07V-S PMS-08V-S PMS-09V-S PMS-10V-S PMS-15V-S 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 28.0 7.3 9.3 11.3 13.3 11.55 13.55 15.55 17.55 19.55 29.55 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 (2 to 5 circuits) (6 to 15 circuits) RoHS compliance Note: *Marked products are not CSA approved. |
Similar Part No. - B14B-PASK |
|
Similar Description - B14B-PASK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |