Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3902S Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC3902S
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3902S Datasheet(HTML) 3 Page - ON Semiconductor

  2SC3902S Datasheet HTML 1Page - ON Semiconductor 2SC3902S Datasheet HTML 2Page - ON Semiconductor 2SC3902S Datasheet HTML 3Page - ON Semiconductor 2SC3902S Datasheet HTML 4Page - ON Semiconductor 2SC3902S Datasheet HTML 5Page - ON Semiconductor 2SC3902S Datasheet HTML 6Page - ON Semiconductor 2SC3902S Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1507 / 2SC3902
No.2101-3/7
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
f T -- IC
Collector Current, IC -- A
ITR03831
ITR03830
2
0.01
57
73
2
5
7
3
0.1
2
1.0
100
10
2
3
5
7
2
3
5
2
1.0
5
77
32
5
7
3
10
100
10
100
2
2
3
5
7
3
5
7
2SA1507
2SC3902
2SA1507
2SC3902
2SA1507 / 2SC3902
VCE=10V
2SA1507 / 2SC3902
f=1MHz
For PNP, minus sign is omitted.
For PNP, minus sign is omitted.
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
--0.2
--0.6
--0.4
--0.8
--1.0
0.2
0.6
0.4
0.8
1.0
0
10
20
30
40
50
0
ITR03825
ITR03824
--40
--30
--50
--10
--20
0
2SC3902
IB=0mA
2SA1507
--2.5mA
--2.0mA
--3.0mA
--3.5mA
--5.0mA
--4.0mA
--4.5mA
--1.5mA
--1.0mA
--0.5mA
IB=0mA
0.5mA
2.5mA
3.5mA
4.0mA
2.0mA
3.0mA
1.5mA
1.0mA
4.5mA
ITR03829
ITR03828
ITR03826
57
73
25
7
3
23
2
--0.01
--0.1
--1.0
--0.4
0
--0.8
--1.6
--1.2
--1.4
--1.0
--0.6
--0.2
0.4
0
0.8
1.6
1.4
1.0
0.6
0.2
1.2
10
100
7
7
5
3
2
5
5
3
2
10
100
7
7
5
5
3
2
5
3
2
57
73
2
0.01
0.1
57
3
23
2
1.0
--0.6
--0.8
0
--0.4
--0.2
--1.0
--1.2
0.6
0.8
0
0.4
0.2
1.0
1.2
ITR03827
2SA1507
VCE=--5V
2SC3902
VCE=5V
2SA1507
VCE=--5V
2SC3902
VCE=5V
--25
°C
25
°C
Ta=75°C
--25°C
25°C
Ta=75°C


Similar Part No. - 2SC3902S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3902S ONSEMI-2SC3902S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902S ONSEMI-2SC3902S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902S ONSEMI-2SC3902S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
2SC3902S ONSEMI-2SC3902S Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SC3902S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com