Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4395 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4395
Description  EVALUATION BOARD REV.C FOR AK4395
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4395 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4395 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4395 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ASAHI KASEI
[AKD4395]
<KM063300>
1
2000/7
General Description
The AKD4395 is an evaluation board for AK4395, which is 192kHz sampling 24Bit
∆Σ DAC. The AKD4395
includes a LPF which can add differential analog outputs from the AK4395 and also has a digital interface with
AKM’s wave generator using ROM data and AKM’s ADC evaluation boards. Therefore, it is easy to evaluate
the AK4395.
< Ordering Guide
AKD4395 Rev.C
--- Evaluation board Rev.C for AK4395: differential output
Function
< On-board differential output buffer circuit
< On-board clock generator
< BNC connector for an external clock input
< Compatible with 3types of interface
1. Direct interface with evaluation boards for AKM’s A/D converter (AKD539X, AKD535X)
2. Interface with a signal generator (AKD43XX)
3. On-board CS8414 as DIR which accepts optical input.
10pin Header
External
Clock
ROM Data
or
A/D input
Optical
Input
CS8414
(DIR)
Clock
Generator
AK4395
2nd Order LPF
Rch
Lch
Fig.1 Block diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
(AKD4395 Rev.C is same as AKD4393 Rev.C.)
Evaluation board Rev.C for AK4395
AKD4395


Similar Part No. - AK4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4395VF AKM-AK4395VF Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
More results

Similar Description - AK4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
   Evaluation board Rev.C for AK4588
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com