Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B04B-PASK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # B04B-PASK
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B04B-PASK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button B04B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 10Page - List of Unclassifed Manufacturers B04B-PASK Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
413
8.4
2.85
1.3
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPA-001T-P0.5
0.9
∼1.5
10,000
0.13∼0.33
26∼22
PA FAMILY SERIES /PA CONNECTOR (Crimp style Retainer mountable type)
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPA-001T-P0.5
AP-K2N
MKS-L
MK/SPA-001-05
APLMK SPA001-05
A
B
7.2
Circuit No.1
A
B
2.0
7.2
Circuit No.1
A
B
2.0
7.2
Circuit No.1
A
B
2.0
7.2
Circuit No.1
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
AB
Dimensions(mm)
2
3
4
5
6
7
8
9
10
*15
PARP-02V
PARP-03V
PARP-04V
PARP-05V
PARP-06V
PARP-07V
PARP-08V
PARP-09V
PARP-10V
PARP-15V
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
28.0
5.4
7.4
9.4
11.4
14.0
16.0
18.0
20.0
22.0
32.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
B
A
2.0
Circuit No.1
7.2
A
B
2.0
Circuit No.1
7.2
Contact
Housing
RoHS compliance
Note: *Marked product is not CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PARP-02V-oo-
(blank)…natural (white)
R…red E…blue Y…yellow M…green
RoHS compliance
(2
circuits)
(4
circuits)
(3
circuits)
(5
circuits)
(6 to 9
circuits)
(10, 15
circuits)
Retainer
2.85
1.5
7.0
1.5
2.4
3.1
7.0
Q'ty /
bag
Circuits
Model No.
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
AB
Dimensions(mm)
2
3
4
5
6
7
8
* 9
*10
*15
PMS-02V-S
PMS-03V-S
PMS-04V-S
PMS-05V-S
PMS-06V-S
PMS-07V-S
PMS-08V-S
PMS-09V-S
PMS-10V-S
PMS-15V-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
28.0
7.3
9.3
11.3
13.3
11.55
13.55
15.55
17.55
19.55
29.55
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
(2 to 5 circuits)
(6 to 15 circuits)
RoHS compliance
Note: *Marked products are not CSA approved.


Similar Part No. - B04B-PASK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B04B-PASK ETC2-B04B-PASK Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B04B-PASK ETC2-B04B-PASK Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
B04B-PASK JST-B04B-PASK Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B04B-PASK-1 ETC2-B04B-PASK-1 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
B04B-PASK-1 JST-B04B-PASK-1 Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - B04B-PASK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com