Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAP-14V-S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PAP-14V-S
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAP-14V-S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PAP-14V-S Datasheet HTML 2Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 4Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers PAP-14V-S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
411
PA FAMILY SERIES
Q'ty /
reel
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural (ivory)
Solder tab: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Without a boss
Model No.
Dimensions(mm)
2
3
4
5
6
7
8
9
10
11
12
SM02B-PASS-(*)
SM03B-PASS-(*)
SM04B-PASS-(*)
SM05B-PASS-(*)
SM06B-PASS-(*)
SM07B-PASS-(*)
SM08B-PASS-(*)
SM09B-PASS-(*)
SM10B-PASS-(*)
SM11B-PASS-(*)
SM12B-PASS-(*)
With a boss
SM02B-PASS-1-(*)
SM03B-PASS-1-(*)
SM04B-PASS-1-(*)
SM05B-PASS-1-(*)
SM06B-PASS-1-(*)
SM07B-PASS-1-(*)
SM08B-PASS-1-(*)
SM09B-PASS-1-(*)
SM10B-PASS-1-(*)
SM11B-PASS-1-(*)
SM12B-PASS-1-(*)
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
B
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Q'ty /
reel
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural (ivory)
Solder tab: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Without a boss
Model No.
Dimensions(mm)
2
3
4
5
6
7
8
9
10
11
12
13
BM02B-PASS-(*)
BM03B-PASS-(*)
BM04B-PASS-(*)
BM05B-PASS-(*)
BM06B-PASS-(*)
BM07B-PASS-(*)
BM08B-PASS-(*)
BM09B-PASS-(*)
BM10B-PASS-(*)
BM11B-PASS-(*)
BM12B-PASS-(*)
BM13B-PASS-(*)
With a boss
BM02B-PASS-1-(*)
BM03B-PASS-1-(*)
BM04B-PASS-1-(*)
BM05B-PASS-1-(*)
BM06B-PASS-1-(*)
BM07B-PASS-1-(*)
BM08B-PASS-1-(*)
BM09B-PASS-1-(*)
BM10B-PASS-1-(*)
BM11B-PASS-1-(*)
BM12B-PASS-1-(*)
BM13B-PASS-1-(*)
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
B
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
500
500
500
500
500
500
500
500
500
500
500
500
A
B
Circuit No.1
2.0
5.7
A
B
Circuit No.1
5.7
2.0
Circuit No.1
A
B
2.0
5.7
Circuit No.1
A
B
2.0
5.7
A
B
Circuit No.1
5.7
2.0
A
B
Circuit No.1
5.7
2.0
(2
to 3 circuits)
(4
to 9 circuits)
(10
to 13 circuits)
Top entry type
(2
to 3 circuits)
(4
to 9 circuits)
(10
to 12 circuits)
Side entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note: (*): TF…taping product
TFT…taping product with suction tape.
RoHS compliance This product displays (LF)(SN) on a label.
Note: (*): TB…taping product
TBT…taping product with suction tape.
SMT type shrouded header
Top entry type
Side entry type


Similar Part No. - PAP-14V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-14V-S ETC1-PAP-14V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-14V-S ETC2-PAP-14V-S Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-14V-S ETC2-PAP-14V-S Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
PAP-14V-S JST-PAP-14V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAP-14V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com