Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRS50KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RRS50KE
Description  Rheostats (Potentiometers) Wirewound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RRS50KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RRS50KE Datasheet HTML 1Page - Ohmite Mfg. Co. RRS50KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rheostats
(Potentiometers) Wirewound
Dimensions for reference only; consult factory for details.
Since all rheostats/potentiometers are electro-mechanical devices, they
are subject to mechanical wear and, therefore, have a finite life.
Models H, J, K, L and N are listed under UL Reexamination Service File
No. E-10946 and CSA File No. 21309 unless noted otherwise.
All rheostats are 10% tolerance.
D
0.25"
6.35 mm
enclosed
unenclosed
standard
shaft
0.125"
3.18 mm
0.625"
15.88 mm
B
0.25"
6.35 mm
0.078"
1.98 mm
C
0.531"
13.49 mm
0.406"
10.32 mm
shaft
locking
nut
0.094"
2.38 mm
B
D
locking
shaft
0.375"
9.53 mm
D
M M
0.25 - 20 thread for
mounting screws
0.031"
0.79 mm
2"
51 mm B
1.563"
39.7 mm
C
holes for
no. 8 screws
Ohmic
Max. Voltage
Behind panel
Diameter
Dimension
Rotation
Model
Type
Watts
range
Core
(RMS)*
“B” (In./mm)
“D” (In./mm)
“C” (In./mm)
Shaft torque
(±5°)
E
RES/REL
12.5
1.0-15K
open
305
0.688/17.46
0.875/ 22.23
0.594/15.08
1-6 oz. in.
300°
H
RHS/RHL
25
1.0-25K
open
500
1.375/34.93
1.560/ 39.62
0.940/23.88
0.25-0.5 lb. in.
300°
J
RJS
50
0.5-50K
open
750
1.375/34.93
2.31 / 58.67
1.56 /39.62
0.25-2 lb. in.
300°
G
RGS
75
0.5-50K
open
900
1.750/44.45
2.75 / 69.25
1.78 /45.21
0.5-2 lb. in.
300°
K
RKS
100
0.5-50K
open
1000
1.750/44.45
3.125/ 79.38
1.91 /48.51
0.5-2 lb. in.
300°
L
RLS
150
0.5-50K
open
1200
2.000 / 50.8
4.00 /101.60
2.28 /57.91
0.5-3 lb. in.
300°
P
RPS
225
1.0-30K
open
1300
2.125/53.98
5.00 /127.00
2.97 /75.44
2.5-4 lb. in.
310°
N
RNS
300
1.0-50K
open
1225
2.375/60.33
6.00 /152.40
3.44 /87.38
2.5-5 lb. in.
320°
R
RRS
500
1.0-20K
open
1450
2.125/53.98
8.00 /203.20
4.31/109.47
4.5-7 lb. in.
325°
U
RUS
1000
1.0-20K
open
1600
3.000 / 76.2
12.00 /304.80
6.38/162.05
3.5-7 lb. in.
335°
C
RCS/RCL
7.5
10.0-5K
enclosed
305
0.875/22.23
0.515/ 13.08
0.25-3 oz. in.
300°
E
REE
12.5
1.0-15K
enclosed
305
1.219/30.96
1.047/ 26.59
1-6 oz. in.
300°
• Models H, J, G, and K also available in enclosed versions.
• See Catalog #203 for complete details.
Model E
Models P, N, R, U
Models H, J, G, K, L
Dimension “M”
P 0.875” 22.23 mm
N 1.188” 30.16 mm
R 1.5”
38.1 mm
U 3”
76.2 mm
D
0.25"
6.4 mm
0.125"
3.18 mm
0.625"
15.88 mm
0.625"
15.88 mm
B
0.25"
6.4 mm
0.109"
2.78 mm
0.531"
13.49 mm
0.25"
6.4 mm
Standard
shaft
Locking
shaft
Mounting: Panels to
0.125” (3.18mm) thick
with 0.25-32 bushing and
hex nut (0.063” thick).
Mounting: Panels
to 0.125” (3.18mm)
thick with 0.25-32
bushing and hex
nut (0.063” thick).
Mounting: Panels to 0.25” (6.35mm) thick with 0.375-32 bushing and hex nut
(0.094” thick) (or with 10-32 x 0.75 F.H. screws for model L only).
Mounting: Panels
to 1.25” (31.75mm)
thick with 0.25-20
flat-head screws.
0.5"
12.7 mm
holes for:
no. 2 screws (model H)
no. 8 screws (J, G, K, L) mounting
bracket on
model L only
1.75"
44.5 mm
D
drill 0.188"
(4.76 mm) hole
in panel
0.25"
6.35 mm
0.031"
0.79 mm
0.344"
8.73 mm
0.031"
0.79 mm
0.063"
1.59 mm
0.375"
9.53 mm
0.875"
22.23 mm
B
C
0.75"
19.05 mm
bushing
projection
0.625"
15.88 mm
shaft
locking
nut
standard shaft
(models H, J, G, K, L)
locking shaft
(only model H
stocked)
See page 93 for
knobs, dials, and
other hardware
Model C
ORDERING INFORMA TION
Series
Rheostats
Wirewound
Potentiometers
Resistance Value*
Example:
R50 = 0.50
1R0 =1
7R5 = 7.5
250 =
250
1K0 = 1,000
1K75 = 1,750
4K5 = 4,500
50K = 50,000
RCSR50E
Code Watts Model Shaft
Core
CL =
7.5
C
Locking Enclosed
CS =
7.5
C
Standard Enclosed
EE =
12.5
E
Standard Enclosed
EL =
12.5
E
Locking
Open
ES =
12.5
E
Standard
Open
GS =75G
Standard
Open
HL =25H
Locking
Open
HS =25H
Standard
Open
JS =50J
Standard
Open
KS =
100
K
Standard
Open
LS =
150
L
Standard
Open
NS =
300
N
Standard
Open
PS =
225
P
Standard
Open
RS =
500
R
Standard
Open
US = 1000
U
Standard
Open
*Check Table for
Standard
Resistance Values
and Maximum
Current Values
E = RoHS compliant
• RoHS compliant product available. Add “E” suffix to part number to specify.
• Made-to-order rheostats available: Contact nearest Ohmite sales office.
* Voltage rating dependent on resistance value.


Similar Part No. - RRS50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RRS50KE OHMITE-RRS50KE Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
More results

Similar Description - RRS50KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES125E OHMITE-RES125E Datasheet
478Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
RKS50R ETC-RKS50R Datasheet
423Kb / 2P
   (Potentiometers) Wirewound
RJS1K6 ETC2-RJS1K6 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
RHS15R ETC2-RHS15R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RJS12R OHMITE-RJS12R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
RES10K OHMITE-RES10K Datasheet
423Kb / 2P
   (Potentiometers) Wirewound
RHS100E OHMITE-RHS100E Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
RES1K5 OHMITE-RES1K5 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
RHS2R0 ETC2-RHS2R0 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RHS10K OHMITE-RHS10K Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com