Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSU123T Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSU123T
Description  SPECIFICATIONS FOR UV LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSU123T Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSU123T Datasheet HTML 1Page - NICHIA CORPORATION NSSU123T Datasheet HTML 2Page - NICHIA CORPORATION NSSU123T Datasheet HTML 3Page - NICHIA CORPORATION NSSU123T Datasheet HTML 4Page - NICHIA CORPORATION NSSU123T Datasheet HTML 5Page - NICHIA CORPORATION NSSU123T Datasheet HTML 6Page - NICHIA CORPORATION NSSU123T Datasheet HTML 7Page - NICHIA CORPORATION NSSU123T Datasheet HTML 8Page - NICHIA CORPORATION NSSU123T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NICHIA STS-DA1-2747B <Cat.No.131001>
4
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
0.6
3.6
* This LED is designed to be reflow soldered on to a PCB. If dip soldered, Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* Since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin.
Pressure can cause nicks, chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
* Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using a pick and place machine, choose an appropriate nozzle for this product. Using a pick-and-place nozzle
with a smaller diameter than the size of the LED's emitting surface will cause damage to the emitting surface
and may also cause the LED not to illuminate.
* The recommended soldering pad pattern is designed for attachment of the LED without problems.
When precise mounting accuracy is required, such as high-density mounting, ensure that the size and shape of the pad
are suitable for the circuit design.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner
where the flux will come in contact with the LEDs.
* Make sure that there are no issues with the type and amount of solder that is being used.
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec


Similar Part No. - NSSU123T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU123T NICHIA-NSSU123T Datasheet
288Kb / 18P
   UV LED
NSSU123T NICHIA-NSSU123T_18 Datasheet
288Kb / 18P
   UV LED
More results

Similar Description - NSSU123T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NC4U134A NICHIA-NC4U134A_13 Datasheet
322Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com