Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN211Y0N Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AHN211Y0N
Description  Relay for control panel of 1c 10A, 2c 5A and 1a 16A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AHN211Y0N Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AHN211Y0N Datasheet HTML 1Page - Panasonic Semiconductor AHN211Y0N Datasheet HTML 2Page - Panasonic Semiconductor AHN211Y0N Datasheet HTML 3Page - Panasonic Semiconductor AHN211Y0N Datasheet HTML 4Page - Panasonic Semiconductor AHN211Y0N Datasheet HTML 5Page - Panasonic Semiconductor AHN211Y0N Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
SAFETY STANDARDS
* CSA standard: Certified by C-UL
** Please consult us.
File No.
Certification authority: UL/C-UL
File No.
Certification authority: VDE
1 Form C
E43149*
10A 277V AC, 10A 30V DC
40012003
10A 250V AC (cos
φ=1.0), 10A 30V DC (0ms)
2 Form C
E43149*
5A 277V AC, 5A 30V DC
40012003
5A 250V AC (cos
φ=1.0), 5A 30V DC (0ms)
1 Form A (TM type)
E43149*
16A 277V AC, 16A 30V DC, TV-5
**
2. Plug-in type 2 Form C
External dimensions
19.4
7.5
Max. 28
Max. 29
Max. 13
6
8.9
0.5
0.5
2.6
2.6
55
.764
.295
Max. 1.102
Max. 1.142
Max. .512
.236
.020
.020
.102
.102
.197 .197
.350
Schematic (Bottom view)
Standard type
3
87
6
5
4
2
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
3. TM type 1 Form A
External dimensions
#187 tab terminal
8.5
17.5
7.5
Max. 30
Max. 45
Max. 13
Max. 29
0.5
2.5
3.7
5.2
0.5
4.75
4.75
.335
.389
.295
Max. 1.181
Max. 1.772
Max. .512
Max. 1.142
.020
.098
.146
.205
.020
.187
.187
Notes: 1. When mounting the TM type, since the
cover is made from polycarbonate, please
use a washer in order to prevent damage,
deformation, and loosening.
2. Suitable tightening torque is 0.3 to 0.5 N·m.
Schematic
Mounting hole dimensions
1
5
43
38
2-M3 or 2-3.5 dia.
1.496
2-.118 or 2-.138 dia.
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - AHN211Y0N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHN211Y0N IRF-AHN211Y0N Datasheet
136Kb / 6P
   Slim and compact size
More results

Similar Description - AHN211Y0N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com