Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN211X1N Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AHN211X1N
Description  Relay for control panel of 1c 10A, 2c 5A and 1a 16A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AHN211X1N Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AHN211X1N Datasheet HTML 1Page - Panasonic Semiconductor AHN211X1N Datasheet HTML 2Page - Panasonic Semiconductor AHN211X1N Datasheet HTML 3Page - Panasonic Semiconductor AHN211X1N Datasheet HTML 4Page - Panasonic Semiconductor AHN211X1N Datasheet HTML 5Page - Panasonic Semiconductor AHN211X1N Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
REFERENCE DATA
DIMENSIONS (mm inch)
1-(1). Max. switching capacity
(1 Form C and 1 Form A)
1-(2). Max. switching capacity (2 Form C)
2-(1). Coil temperature rise (1 Form C/AC and
1 Form A/AC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
10
50
20 30
100
250
100
50
30
20
16
10
5
1
0.5
1 Form A and
1 Form C types
AC resistive load
1 Form C type
DC resistive load
1 Form A type DC resistive load
Contact voltage, V
10
5
1
0.5
0.4
0.3
0.2
10
50
20 30
100
250
Contact voltage, V
AC resistive load
DC resistive load
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
16A
0A
2-(2). Coil temperature rise (1 Form C/DC and
1 Form A/DC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(3). Coil temperature rise (2 Form C/AC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(4). Coil temperature rise (2 Form C/DC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
16A
0A
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
5A
0A
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
5A
0A
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Plug-in type 1 Form C
External dimensions
4.75
0.5
4.7
7.5
17.5
5.2
5.2
Max. 13
Max. 29
Max. 29
5.3
0.5
.187
.020
.185
.295
.689
.205 .205
Max. .512
Max. 1.142
Max. 1.142
.209
.020
Schematic (Bottom view)
Standard type
52
4
3
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
52
4
3
1
52
4
3
1
1
3
4
2
5
1
3
4
2
5
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - AHN211X1N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHN211X1N IRF-AHN211X1N Datasheet
136Kb / 6P
   Slim and compact size
More results

Similar Description - AHN211X1N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com